Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS7000-CQT Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce GS7000-CQT
Description  Serial Digital Video Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

GS7000-CQT Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  GS7000-CQT Datasheet HTML 1Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 2Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 3Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 4Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 5Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 6Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 7Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 8Page - List of Unclassifed Manufacturers GS7000-CQT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: August 1999
Document No. 522 - 06 - 02
PRELIMINARY DATA SHEET
FEATURES
• fully integrated 270Mb/s SDI receiver or transmitter
• fully compliant with SMPTE 259M-C
• lock and carrier detect output indication
• performance from 0 - 85°C
RECEIVER FUNCTION
• accepts SMPTE 259M-C 270Mb/s serial digital video
and outputs SMPTE 125M compliant 27Mb/s parallel
digital video and clock
• integrated cable equalization (beyond 100m Belden
8281)
• ease of design use and adjustment free operation
• H timing signal output
TRANSMITTER FUNCTION
• accepts SMPTE 125M (27Mb/s) parallel video data and
clock, outputs SMPTE 259M-C 270Mb/s serial digital
video
• integrated cable driver provides one differential output
(or two single-ended outputs)
APPLICATIONS
Space limited, low power 270Mb/s serial to parallel or
parallel to serial interfaces; Alternate, broadcast quality
uncompressed
video
interface
for
industrial
and
professional video equipment using the IEEE P1394
interface.
DESCRIPTION
The GS7000 is a dual function IC capable of operating as
either a 270Mb/s Serial Digital Video receiver or a 270Mb/s
Serial Digital Video transmitter. The GS7000 is designed so
that it can be programmed to operate in either receive or
transmit mode via a mode select pin.
When operating as a receiver, the serial data input accepts
SMPTE 259M-C compliant signals. Line terminations are on
the device.
An on-chip by-passable fixed gain equalizer
provides cable equalization beyond 100m of high quality
co-axial cable. The clock recovery is performed on chip
with minimal external components. Incoming Serial Digital
Video data is decoded using a NRZI decoder and SMPTE
descrambler to provide clocked SMPTE 125M compliant
parallel
output.
The
SMPTE
descrambler
and
NRZI
decoding functions can be disabled.
When operating as a transmitter, the GS7000 accepts
parallel SMPTE 125M compliant ten bit video. An on-chip
scrambler and NRZI encoder converts the parallel data into
a bit serial SMPTE 259M-C compliant NRZI output signal
suitable for driving co-axial cable. Through the SMPTE
select pin, the SMPTE scrambler and NRZI coding functions
can be disabled.
BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS7000-CQT
52 pin MQFP
0°C to 85°C
GS7000-CTT
52 pin MQFP Tape
0°C to 85°C
P to S
S to P
SCRAMBLER
NRZI
ENCODER
DESCRAMBLER
TRS
DETECTOR
NRZI
DECODER
f/10
PLL
MUX
SLICER
EQUALIZER
SIGNAL
LOCK
DETECT
SDO
SDO
SDI
SDI
LOCK
CD
PCLKIN
EQ
Rx/Tx
DIN (0,9)
DOUT(0,9)
PCLKOUT
H
C1 C2
10
10
SMPTE
SMPTE
PRO-LINX GS7000
Serial Digital Video Transceiver


Numéro de pièce similaire - GS7000-CQT

FabricantNo de pièceFiches techniqueDescription
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS7005-CQT GENNUM-GS7005-CQT Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS7005-CTT GENNUM-GS7005-CTT Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
More results

Description similaire - GS7000-CQT

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
logo
Faraday Technology
VS400M FARADAY-VS400M Datasheet
39Kb / 2P
   SERIAL DIGITAL VIDEO PASSIVE SIGNAL SPLITTER
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
   HD/SD Serial Digital Video Cable Equalizer
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com