Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74184 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DM74184
Description  BCD-to-Binary and Binary-to-BCD Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74184 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  DM74184 Datasheet HTML 1Page - National Semiconductor (TI) DM74184 Datasheet HTML 2Page - National Semiconductor (TI) DM74184 Datasheet HTML 3Page - National Semiconductor (TI) DM74184 Datasheet HTML 4Page - National Semiconductor (TI) DM74184 Datasheet HTML 5Page - National Semiconductor (TI) DM74184 Datasheet HTML 6Page - National Semiconductor (TI) DM74184 Datasheet HTML 7Page - National Semiconductor (TI) DM74184 Datasheet HTML 8Page - National Semiconductor (TI) DM74184 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Function Tables (Continued)
BCD-to-Binary Converter
BCD
Inputs
Outputs
Words
(See Note A)
(See Note B)
E D C B AGY5Y4Y3Y2Y1
0
1
LLLLL
L
L
L
L
L
L
2
3
LLLL H L
L
L
L
L
H
4
5
L
L
LHL
L
L
L
L
H
L
67
L
L
L H H L
L
L
L
H
H
89
L
L H L
L
L
L
L
H
L
L
10
11
L H L
L
L
L
L
L
H
L
H
12
13
L H L
L H L
L
L
H
H
L
14
15
LHLHL
L
L
L
H
H
H
16
17
L H L H H L
L
H
L
L
L
18
19
L H H L
L
L
L
H
L
L
H
20
21
H L
L
L
L
L
L
H
L
H
L
22
23
H L
L
L H L
L
H
L
H
H
24
25
HL
LHL
L
L
H
H
L
L
26
27
H L
L H H L
LH
HLH
28
29
H L H L
L
L
L
H
H
H
L
30
31
H H L
L
L
L
L
H
H
H
H
32
33
H H L
L H L
H
L
L
L
L
34
35
H H L H L
L
H
L
L
L
H
36
37
H H L H H L
HL
LHL
38
39
H H H L
L
L
H
L
L
H
H
Any
XXXXX H
H
H
H
H
H
BCD 9’s or BCD 10’s Complement Converter
BCD
Inputs
Outputs
Word
(See Note C)
(See Note D)
E
D
C
B
AGY8Y7Y6
0
L
LLLL
L
H
L
H
1
L
LLL
H
L
H
L
L
2
L
L
LHL
L
L
H
H
3
L
L
L
H
H
L
LHL
4
L
LHL
L
L
L
H
H
5
L
LHLH
L
L
H
L
6
L
LH
HL
L
L
L
H
7
L
L
HHH
L
L
L
L
8
L
H
LLL
L
L
L
H
9
L
HL
LH
L
L
L
L
0
H
LLLL
L
L
L
L
1
H
LLL
H
L
H
L
L
2
H
L
LHL
L
H
L
L
3H
L
L
H
H
L
L
H
H
4
H
LHL
L
L
L
H
H
5
H
LHLH
L
L
H
L
6
H
LH
HL
L
L
H
L
7
H
L
HHH
L
L
L
H
8
H
H
LLL
L
L
L
H
9
H
HL
LH
L
L
L
L
Any
X
XXXX
H
H
H
H
H e High Level L e Low Level X e Don’t Care
Note A
Input Conditions other than those shown produce highs at outputs Y1 through Y5
Note B
Output Y6 Y7 and Y8 are not used for BCD-to-Binary conversion
Note C
Input conditions other than those shown produce highs at outputs Y6 Y7 and Y8
Note D
Outputs Y1 through Y5 are not used for BCD 9’s or BCD 10’s complement conversion
When these devices are used as complement converters input E is used as a mode control With this input low the BCD 9’s complement is generated when it is
high the BCD 10’s complement is generated
Test Circuit
TLF6561 – 6
CL includes probe and jig capacitance
Typical Applications
TLF6561 – 7
FIGURE 1 BCD-to-Binary Converter
for Two BCD Decades
MSDMost significant decade
LSDLeast significant decade
Each rectangle represents a DM74184
5


Numéro de pièce similaire - DM74184

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74180 NSC-DM74180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
More results

Description similaire - DM74184

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54184 TI-SN54184 Datasheet
376Kb / 9P
[Old version datasheet]   BCD TO BINARY AND BINARY TO BCD CONVERTERS
logo
National Semiconductor ...
DM8898 NSC-DM8898 Datasheet
124Kb / 8P
   TRI-STATE BCD to Binary/Binary to BCD Converters
logo
Hitachi Semiconductor
HD14028B HITACHI-HD14028B Datasheet
77Kb / 6P
   BCD-to-Decimal Decoder/Binary-to-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B Datasheet
216Kb / 8P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14028B MOTOROLA-MC14028B Datasheet
254Kb / 7P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
logo
ON Semiconductor
MC14028B ONSEMI-MC14028B_14 Datasheet
116Kb / 6P
   BCD-To-Decimal Decoder Binary-To-Octal Decoder
August, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD74HC4518 HITACHI-HD74HC4518 Datasheet
59Kb / 10P
   Dual BCD Use Converters/Dual Binary Up Converters
logo
Fairchild Semiconductor
AN-6611 FAIRCHILD-AN-6611 Datasheet
296Kb / 3P
   Binary/BCD Gain Programmed Amplifiers
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Fairchild Semiconductor
F10016 FAIRCHILD-F10016 Datasheet
264Kb / 6P
   BCD DECADE COUNTER/4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10