Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP666G Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TLP666G
Description  Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666G Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TLP666G Datasheet HTML 1Page - Toshiba Semiconductor TLP666G Datasheet HTML 2Page - Toshiba Semiconductor TLP666G Datasheet HTML 3Page - Toshiba Semiconductor TLP666G Datasheet HTML 4Page - Toshiba Semiconductor TLP666G Datasheet HTML 5Page - Toshiba Semiconductor TLP666G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP666G
2002-09-25
1
TOSHIBA Photo Coupler GaAs Ired & Photo−Triac
TLP666G
Office machine
Household use equipment
Triac driver
Solid State Relay
The TOSHIBA TLP666G consists of a zero voltage crossing turn−on
photo−triac optically coupled to a gallium arsenide infrared emitting
diode in a six lead plastic DIP.
· Peak off−state voltage: 400V(min.)
· Trigger LED current: 10mA(max.)
· On−state current: 100mA(max.)
· UL recognized: UL1577, file no. E67349
· Isolation voltage: 5000Vrms(min.)
· Option(D4) type
VDE approved: DIN VDE0884/08.87,
Certificate no.68383
Maximum operating insulation voltage: 630VPK
Highest permissible over voltage: 6000VPK
(Note 1) When a VDE0884 approved type is needed,
please designate the “option(D4)”
· Structural parameter
Creepage distance: 7.0mm(min.)
Clearance: 7.0mm(min.)
Insulation thickness: 0.5mm(min.)
Pin Configurations (top view)
1
2
3
4
6
1 : Anode
2 : Cathode
3 : N.C.
4 : Terminal 1
6 : Terminal 2
ZC
Unit in mm
JEDEC
EIAJ
TOSHIBA
11
−9A2
Weight: 0.44 g


Numéro de pièce similaire - TLP666G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Description similaire - TLP666G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
   Photocoupler GaAs Ired & Photo-Triac
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
   PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com