Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC084S051 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce ADC084S051
Description  4 Channel, 1 MSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC084S051 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  ADC084S051 Datasheet HTML 1Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 2Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 3Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 4Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 5Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 6Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 7Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 8Page - National Semiconductor (TI) ADC084S051 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADC104S101 Converter Electrical Characteristics (Note 9) (Continued)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, CL = 50 pF, fSCLK = 8 MHz to 16 MHz,
f
SAMPLE = 500 kSPS to 1 MSPS, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX; all other limits TA =
25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0 to V
A
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Input Capacitance
Track Mode
33
pF
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
V
A = +5.25V
2.4
V (min)
V
A = +3.6V
2.1
V (min)
V
IL
Input Low Voltage
0.8
V (max)
I
IN
Input Current
V
IN =0VorVA
±0.2
±10
µA (max)
C
IND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Output High Voltage
I
SOURCE = 200 µA
V
A − 0.03
V
A − 0.5
V (min)
I
SOURCE =1mA
V
A − 0.1
V
V
OL
Output Low Voltage
I
SINK = 200 µA
0.03
0.4
V (max)
I
SINK = 1 mA
0.1
V
I
OZH,
I
OZL
TRI-STATE® Leakage Current
±0.01
±1
µA (max)
C
OUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (C
L =10pF)
V
A
Supply Voltage
2.7
V (min)
5.25
V (max)
I
A
Supply Current, Normal Mode
(Operational, CS low)
V
A = +5.25V,
f
SAMPLE = 1 MSPS, fIN =40kHz
2.18
2.7
mA (max)
V
A = +3.6V,
f
SAMPLE = 1 MSPS, fIN =40kHz
1.08
1.3
mA (max)
Supply Current, Shutdown (CS high)
V
A = +5.25V,
f
SAMPLE = 0 kSPS
90
nA
V
A = +3.6V,
f
SAMPLE = 0 kSPS
33
nA
P
D
Power Consumption, Normal Mode
(Operational, CS low)
V
A = +5.25V
11.4
14.2
mW (max)
V
A = +3.6V
3.9
4.7
mW (max)
Power Consumption, Shutdown (CS
high)
V
A = +5.25V
0.47
µW
V
A = +3.6V
0.12
µW
AC ELECTRICAL CHARACTERISTICS
f
SCLK
Clock Frequency
(Note 8)
8
MHz (min)
16
MHz (max)
f
S
Sample Rate
(Note 8)
500
kSPS (min)
1
MSPS (max)
t
CONV
Conversion Time
13
SCLK cycles
DC
SCLK Duty Cycle
f
CLK = 16 MHz
50
30
% (min)
70
% (max)
t
ACQ
Track/Hold Acquisition Time
Full-Scale Step Input
3
SCLK cycles
Throughput Time
Acquisition Time + Conversion
Time
16
SCLK cycles
www.national.com
4


Numéro de pièce similaire - ADC084S051

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC084S051 NSC-ADC084S051 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC084S051 TI-ADC084S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC084S051 TI-ADC084S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC084S051 TI-ADC084S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S051 TI-ADC084S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results

Description similaire - ADC084S051

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
List of Unclassifed Man...
SPT7862 ETC-SPT7862 Datasheet
105Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com