Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8 Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce CS8
Description  Phase Control Thyristors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS8 Fiches technique(HTML) 1 Page - IXYS Corporation

  CS8 Datasheet HTML 1Page - IXYS Corporation CS8 Datasheet HTML 2Page - IXYS Corporation CS8 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
Phase Control Thyristors
V
RRM
= 800-1200 V
I
T(RMS) = 25 A
I
T(AV)M = 16 A
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
CS 8-08io2
1300
1200
CS 8-12io2
Symbol
Test Conditions
Maximum Ratings
I
T(RMS)
T
VJ
= T
VJM
25
A
I
T(AV)M
T
case = 85°C; 180° sine
16
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
250
A
V
R = 0
t = 8.3 ms (60 Hz), sine
270
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
220
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
310
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
306
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
200
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 48 A
150
A/
ms
f = 50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.2 A
non repetitive, I
T = IT(AV)M
500
A/
ms
di
G/dt = 0.2 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
ms10
W
I
T = IT(AV)M
t
P =
300
ms5
W
P
G(AV)
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
M
d
Mounting torque
2.5
Nm
22
lb.in.
Weight
6g
Features
q
Thyristor for line frequencies
q
International standard package
JEDEC TO-64
q
Planar glassivated chip
q
Long-term stability of blocking
currents and voltages
Applications
q
Motor control
q
Power converter
q
AC power controller
Advantages
q
Space and weight savings
q
Simple mounting
q
Improved temperature and power
cycling
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
CS 8
12
3
1 = Anode, 2 = Cathode, 3 = Gate
TO-64
2
3
M5
1


Numéro de pièce similaire - CS8

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
CS8 IXYS-CS8 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
List of Unclassifed Man...
CS8-02GO2 ETC1-CS8-02GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS8-04GO2 ETC1-CS8-04GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS8-06GO2 ETC1-CS8-06GO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS8-08IO2 ETC1-CS8-08IO2 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
More results

Description similaire - CS8

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com