Moteur de recherche de fiches techniques de composants électroniques |
|
ST730C18L1 Fiches technique(PDF) 4 Page - International Rectifier |
|
ST730C18L1 Fiches technique(HTML) 4 Page - International Rectifier |
4 / 8 page ST730C..L Series 4 www.irf.com Bulletin I25191 rev. D 04/03 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 - C = Ceramic Puk 5 - Voltage code: Code x 100 = V RRM (See Voltage Rating Table) 6 - L = Puk Case TO-200AC (B-PUK) 7 - 0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads) 1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads) 2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads) 3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads) 8 - Critical dv/dt: None = 500V/µsec (Standard selection) L = 1000V/µsec (Special selection) Ordering Information Table Single Side Double Side Single Side Double Side 180° 0.009 0.009 0.006 0.006 120° 0.011 0.011 0.010 0.011 90° 0.014 0.014 0.015 0.015 K/W T J = T J max. 60° 0.020 0.020 0.021 0.021 30° 0.036 0.036 0.036 0.036 Sinusoidal conduction Rectangular conduction Conduction angle Units Conditions Device Code 5 1 2 3 4 ST 73 0 C 20 L 1 7 6 8 ∆R thJ-hs Conduction (The following table shows the increment of thermal resistence R thJ-hs when devices operate at different conduction angles than DC) |
Numéro de pièce similaire - ST730C18L1 |
|
Description similaire - ST730C18L1 |