Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST78C34IJ44 Fiches technique(PDF) 1 Page - Exar Corporation

No de pièce ST78C34IJ44
Description  GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C34IJ44 Fiches technique(HTML) 1 Page - Exar Corporation

  ST78C34IJ44 Datasheet HTML 1Page - Exar Corporation ST78C34IJ44 Datasheet HTML 2Page - Exar Corporation ST78C34IJ44 Datasheet HTML 3Page - Exar Corporation ST78C34IJ44 Datasheet HTML 4Page - Exar Corporation ST78C34IJ44 Datasheet HTML 5Page - Exar Corporation ST78C34IJ44 Datasheet HTML 6Page - Exar Corporation ST78C34IJ44 Datasheet HTML 7Page - Exar Corporation ST78C34IJ44 Datasheet HTML 8Page - Exar Corporation ST78C34IJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
6-3
ST78C34
PLCC Package
GENERAL PURPOSE PARALLEL
PRINTER PORT WITH 83 BYTE FIFO
DESCRIPTION
The ST78C34 is a monolithic Bidirectional Parallel
port designed to operate as a general purpose I/O port.
It contains all the necessary input/output signals to be
configured as a CENTRONICS printer port.
The ST78C34 is a general purpose input/output con-
troller with 83 byte internal FIFO. FIFO operation can
be enabled or disabled. For CENTRONICS printer
operation, all registers are mapped to IBM printer port
registers.
The ST78C34
is designed to operate as normal
printer interface without any additional settings. Con-
tents of the FIFO will be cleared after reset or setting
the INIT pin to a low state. The auto FIFO operation
starts after the first -ACK is received from the printer.
Contents of the FIFO transfer to the printer at the
printer loading speed.
FEATURES
· 83 bytes of printer output FIFO
· Bi-directional software parallel port
· Bi-directional I/O ports
· Register compatible to IBM XT, AT, compatible
386, 486
· Selectable interrupt polarity
· Selectable FIFO interrupts
ORDERING INFORMATION
Part number
Pin
Package
Operating temperature
ST78C34CJ44
44
PLCC
0° C to + 70° C
ST78C34CP40
40
PDip
0° C to + 70° C
ST78C34IJ44
44
PLCC
-40° C to + 85° C
ST78C34IP40
40
PDip
-40° C to + 85° C
Rev. 3.00
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
N.C.
INTSEL
D7
D6
D5
D4
D3
D2
D1
D0
N.C.
N.C.
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
GND
N.C.
ST78C34CJ44


Numéro de pièce similaire - ST78C34IJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
643Kb / 27P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results

Description similaire - ST78C34IJ44

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36CJ44-F EXAR-ST78C36CJ44-F Datasheet
643Kb / 27P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com