Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB2434-H Fiches technique(PDF) 2 Page - AUK corp

No de pièce SB2434-H
Description  High Brightness LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SB2434-H Fiches technique(HTML) 2 Page - AUK corp

  SB2434-H Datasheet HTML 1Page - AUK corp SB2434-H Datasheet HTML 2Page - AUK corp SB2434-H Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLB-0006-000
2
SB2434-H
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
40
mW
Forward Current
IF
10
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25~80
Storage Temperature
Tstg
-30~100
*2Soldering Temperature
Tsol
240℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Preheating 100℃~150℃, within 2 minutes soldering 240℃±5℃, within 5 seconds
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
*3Forward Voltage
VF
IF= 10mA
-
3.4
4.0
V
*4Luminous Intensity
IV
IF= 10mA
8
18
-
mcd
Peak Wavelength
λ
P
IF= 10mA
-
470
-
nm
Spectrum Bandwidth
Δλ
IF= 10mA
-
26
-
nm
Reverse Current
IR
VR=4V
-
-
10
µA
*5Half angle
θ1/2
IF= 10mA
-
±55
-
deg
*3. Pulse Time : 1ms
*4. Pulse Time : 3ms
*5.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Numéro de pièce similaire - SB2434-H

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
SB24 GULFSEMI-SB24 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB24 GULFSEMI-SB24 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
SB24-A GULFSEMI-SB24-A Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Nantong Hornby Electron...
SB240 HORNBY-SB240 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SB240 DIOTEC-SB240 Datasheet
110Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Description similaire - SB2434-H

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
   High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
   High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
   High Brightness LED Lamp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
   High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
   High Brightness LED Lamp
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com