Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8341-EVAL Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8341-EVAL
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8341-EVAL Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8341-EVAL Datasheet HTML 4Page - Analog Devices AD8341-EVAL Datasheet HTML 5Page - Analog Devices AD8341-EVAL Datasheet HTML 6Page - Analog Devices AD8341-EVAL Datasheet HTML 7Page - Analog Devices AD8341-EVAL Datasheet HTML 8Page - Analog Devices AD8341-EVAL Datasheet HTML 9Page - Analog Devices AD8341-EVAL Datasheet HTML 10Page - Analog Devices AD8341-EVAL Datasheet HTML 11Page - Analog Devices AD8341-EVAL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8341
Rev. 0 | Page 8 of 20
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
25
0
5
10
15
20
–40
°C
+25
°C
+85
°C
Figure 15. Output IP3 vs. Frequency and Temperature,
Maximum Gain, Phase Setpoint = 0°, 2.5 MHz Carrier Spacing
FREQUENCY (MHz)
10
410
360
310
260
210
160
110
60
–10
–35
–30
–25
–20
–15
1V p-p BB INPUT
500mV p-p BB INPUT
250mV p-p BB INPUT
Figure 16. I/Q Modulation Bandwidth vs. Baseband Magnitude
0
360
45
90
135
180
225
270
315
10
–15
–10
–5
0
5
PHASE SETPOINT (Degrees)
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.1
Figure 17. Output 1 dB Compression Point vs. Gain and
Phase Setpoints, RF Frequency = 1900 MHz
0
360
45
90
135
180
225
270
315
20
–10
–5
0
5
10
15
PHASE SETPOINT (Degrees)
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.1
Figure 18. Output IP3 vs. Gain and Phase Setpoints,
RF Frequency = 1900 MHz, 2.5 MHz Carrier Spacing
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 1.9GHz
500kHz/
SPAN 5MHz
1SA
RBW 30kHz
VBW 30kHz
SWT 100ms
RF ATT
20dB
UNIT
dBm
REF LVL
0dBm
A
Figure 19. Single-Sideband Performance, RF Frequency = 1900 MHz,
RF Input = −10 dBm; 1 MHz, 500 mV p-p Differential BB Drive
0
180
30
330
60
90
270
300
120
240
150
210
S11 RF PORT WITH 1.2nH INDUCTORS
S11 RF PORT WITHOUT INDUCTORS
1500MHz
2400MHz
Figure 20. Input Impedance Smith Chart


Numéro de pièce similaire - AD8341-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Description similaire - AD8341-EVAL

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com