Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8341ACPZ-REEL72 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8341ACPZ-REEL72
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8341ACPZ-REEL72 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8341ACPZ-REEL72 Datasheet HTML 3Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 4Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 5Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 6Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 7Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 8Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 9Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 10Page - Analog Devices AD8341ACPZ-REEL72 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8341
Rev. 0 | Page 7 of 20
GAIN SETPOINT
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–147
–154
–153
–152
–151
–150
–149
–148
NO RF INPUT
RF PIN = –5dBm
RF PIN = 0dBm
RF PIN = +5dBm
Figure 9. Output Noise Floor vs. Gain Setpoint, Noise in dBm/Hz, No Carrier,
and With 1900 MHz Carrier (Measured at 20 MHz Offset)
Pin = −5, 0, and +5 dBm
FREQUENCY (MHz)
0
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.1
Figure 10. Gain vs. Frequency at Different Gain Setpoints,
Phase Setpoint = 0°
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
–146
–154
–153
–152
–151
–150
–149
–148
–147
Figure 11. Output Noise Floor vs. Frequency, Maximum Gain,
No RF Carrier, Phase Setpoint = 0°
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–40
°C
+25
°C
+85
°C
Figure 12. Gain Magnitude vs. Frequency and Temperature,
Maximum Gain, Phase Setpoint = 0°
100
1000
900
800
700
600
500
400
300
200
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
DIFFERENTIAL BB LEVEL (mV p-p)
FUNDAMENTAL POWER, 1899MHz, 1900MHz
SECOND BASEBAND HARMONIC PRODUCT,
1898MHz, 1902MHz
THIRD BASEBAND HARMONIC PRODUCT,
1897MHz, 1903MHz
Figure 13. Baseband Harmonic Distortion (I and Q Channel,
RF Input = 0 dBm, Output Balun and Cable Losses of Approximately
2 dB Not Accounted for in Plot)
FREQUENCY (MHz)
1500
2400
2300
2200
2100
2000
1900
1800
1700
1600
12
0
2
4
6
8
10
–40
°C
+25
°C
+85
°C
Figure 14. Output 1 dB Compression Point vs. Frequency and
Temperature, Maximum Gain, Phase Setpoint = 0°


Numéro de pièce similaire - AD8341ACPZ-REEL72

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD8341 AD-AD8341 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
More results

Description similaire - AD8341ACPZ-REEL72

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007143-000100 MA-COM-MAIA-007143-000100 Datasheet
183Kb / 6P
   Vector Modulator, 1.94 to 2.34 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com