Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX2022 Fiches technique(PDF) 3 Page - Maxim Integrated Products

No de pièce MAX2022
Description  High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2022 Fiches technique(HTML) 3 Page - Maxim Integrated Products

  MAX2022 Datasheet HTML 1Page - Maxim Integrated Products MAX2022 Datasheet HTML 2Page - Maxim Integrated Products MAX2022 Datasheet HTML 3Page - Maxim Integrated Products MAX2022 Datasheet HTML 4Page - Maxim Integrated Products MAX2022 Datasheet HTML 5Page - Maxim Integrated Products MAX2022 Datasheet HTML 6Page - Maxim Integrated Products MAX2022 Datasheet HTML 7Page - Maxim Integrated Products MAX2022 Datasheet HTML 8Page - Maxim Integrated Products MAX2022 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High-Dynamic-Range, Direct Upconversion
1500MHz to 2500MHz Quadrature Modulator
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2022 Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q differential inputs driven from a 100
Ω DC-coupled
source, 0V common-mode input, PLO = 0dBm, 1900MHz
≤ fLO ≤ 2200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 =
562
Ω, R3 = 301Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, VBBI = 109mVP-P differential, VBBQ = 109mVP-P differential,
fIQ = 1MHz, TC = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Power Variation Over
Temperature
TC = -40°C to +85°C
-0.004
dB/°C
Output-Power Flatness
fLO = 1960MHz, sweep fBB,
PRF flatness for fBB from 1MHz to 50MHz
0.6
dB
ACLR (1st Adjacent Channel
5MHz Offset)
Single-carrier WCDMA (Note 2),
RFOUT = -16dBm
70
dBc
LO Leakage
No external calibration, with each baseband
input terminated in 50
-46.7
dBm
Sideband Suppression
No external calibration
47.3
dBc
Output Return Loss
15.3
dB
Output Noise Density
fmeas = 2060MHz, with each baseband
input terminated in 50
-173.4
dBm/Hz
LO Input Return Loss
10.1
dB
RF OUTPUTS (fLO = 2140MHz)
Output IP3
VBBI, VBBQ = 547mVP-P differential per tone
into 50
Ω,
fBB1 = 1.8MHz,
fBB2 = 1.9MHz
23.3
dBm
Output IP2
VBBI, VBBQ = 547mVP-P differential per tone
into 50
Ω,
fBB1 = 1.8MHz,
fBB2 = 1.9MHZ
51.5
dBm
Output Power
-20.8
dBm
Output Power Variation Over
Temperature
TC = -40°C to +85°C
-0.005
dB/°C
Output-Power Flatness
fLO = 2140MHz,
sweep fBB,
PRF flatness for fBB from 1MHz to 50MHz
0.32
dB
ACLR (1st Adjacent Channel
5MHz Offset)
Single-carrier WCDMA (Note 2),
RFOUT = -16dBm, fLO = 2GHz
70
dBc
LO Leakage
No external calibration, with each baseband
input terminated in 50
-40.4
dBm
Sideband Suppression
No external calibration
45.7
dBc
Output Return Loss
13.5
dB
Output Noise Density
fmeas = 2240MHz, with each baseband
input terminated in 50
-173.2
dBm/Hz
LO Input Return Loss
18.1
dB
Note 1: TC is the temperature on the exposed paddle.
Note 2: Single-carrier WCDMA peak-to-average ratio of 10.5dB for 0.1% complimentary cumulative distribution function.


Numéro de pièce similaire - MAX2022

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022 Datasheet
809Kb / 15P
   700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2022 MAXIM-MAX2022 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2022 MAXIM-MAX2022 Datasheet
224Kb / 8P
   Evaluation Kit
Rev 0; 11/06
MAX2022 MAXIM-MAX2022 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022ETX++ MAXIM-MAX2022ETX+ Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
More results

Description similaire - MAX2022

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com