Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9140DQ Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce SI9140DQ
Description  SMP Controller For High Performance Process Power Supplies
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9140DQ Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button SI9140DQ Datasheet HTML 4Page - Vishay Siliconix SI9140DQ Datasheet HTML 5Page - Vishay Siliconix SI9140DQ Datasheet HTML 6Page - Vishay Siliconix SI9140DQ Datasheet HTML 7Page - Vishay Siliconix SI9140DQ Datasheet HTML 8Page - Vishay Siliconix SI9140DQ Datasheet HTML 9Page - Vishay Siliconix SI9140DQ Datasheet HTML 10Page - Vishay Siliconix SI9140DQ Datasheet HTML 11Page - Vishay Siliconix SI9140DQ Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Si9140
Vishay Siliconix
S-58034—Rev. G, 15-Mar-99
FaxBack 408-970-5600, request 70026
8
www.siliconix.com
Pin 10: ROSC
A resistor connected from this pin to ground sets the
oscillator’s capacitor COSC, charge and discharge current.
See the oscillator section of the description of operation.
Pin 11: COSC
An external capacitor is connected to this pin to set the
oscillator frequency.
Pin 12: UVLOSET
This pin will place the chip in the standby mode if the
UVLOSET voltage drops below 1.2 V. Once the UVLOSET
voltage exceeds 1.2 V, the chip operates normally. There is a
built-in hysteresis of 165 mV.
Pin 13: PGND
The negative return for the VS supply.
Pin 14: DS
This CMOS push-pull output pin drives the external p-channel
MOSFET.
This pin will be high in the standby mode.
A
break-before-make function between DS and DR is built-in.
Pin 15: DR
This CMOS push-pull output pin drives the external n-channel
MOSFET.
This pin will be low in the standby mode.
A
break-before-make function between the DS and DR is built-in.
Pin 16: VS
The positive terminal of the power supply which powers the
CMOS output drivers. A bypass capacitor is required.
FUNCTIONAL BLOCK DIAGRAM
f
OSC
0.75
R
OSC
C
OSC
×
------------------------------------
(at V
DD
5.0 V)
=


Numéro de pièce similaire - SI9140DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9140DQ VISHAY-SI9140DQ Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
SI9140DQ-T1 VISHAY-SI9140DQ-T1 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
SI9140DQ-T1-E3 VISHAY-SI9140DQ-T1-E3 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
More results

Description similaire - SI9140DQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140 VISHAY-SI9140_04 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
ON Semiconductor
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com