Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN4901FE Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce RN4901FE
Description  TOSHIBA Transistor Silicon PNP - NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4901FE Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  RN4901FE Datasheet HTML 1Page - Toshiba Semiconductor RN4901FE Datasheet HTML 2Page - Toshiba Semiconductor RN4901FE Datasheet HTML 3Page - Toshiba Semiconductor RN4901FE Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RN4901FE
2003-01-10
3
Electrical Characteristics (Ta
==== 25°C) (Q1)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = -50 V, IE = 0
¾
¾
-100
Collector cut-off current
ICEO
VCE = -50 V, IB = 0
¾
¾
-500
nA
Emitter cut-off current
IEBO
VEB = -10 V, IC = 0
-0.82
¾
-1.52
mA
DC current gain
hFE
VCE = -5 V, IC = -10 mA
30
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = -5 mA, IB = -0.25 mA
¾
-0.1
-0.3
V
Input voltage (ON)
VI (ON)
VCE = -0.2 V, IC = -5 mA
-1.1
¾
-2.0
V
Input voltage (OFF)
VI (OFF)
VCE = -5 V, IC = -0.1 mA
-1.0
¾
-1.5
V
Transition frequency
fT
VCE = -10 V, IC = -5 mA
¾
200
¾
MHz
Collector output capacitance
Cob
VCB = -10 V, IE = 0, f = 1 MHz
¾
3
6
pF
Electrical Characteristics (Ta
==== 25°C) (Q2)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50 V, IE = 0
¾
¾
100
Collector cut-off current
ICEO
VCE = 50 V, IB = 0
¾
¾
500
nA
Emitter cut-off current
IEBO
VEB = 10 V, IC = 0
0.82
¾
1.52
mA
DC current gain
hFE
VCE = 5 V, IC = 10 mA
30
¾
¾
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
¾
0.1
0.3
V
Input voltage (ON)
VI (ON)
VCE = 0.2 V, IC = 5 mA
1.1
¾
2.0
V
Input voltage (OFF)
VI (OFF)
VCE = 5 V, IC = 0.1 mA
1.0
¾
1.5
V
Transition frequency
fT
VCE = 10 V, IC = 5 mA
¾
250
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
3
6
pF
Electrical Characteristics (Ta
==== 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Input resistor
R1
¾
3.29
4.7
6.11
k
W
Resistor ratio
R1/R2
¾
0.9
1.0
1.1


Numéro de pièce similaire - RN4901FE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
RN4901 TOSHIBA-RN4901 Datasheet
161Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results

Description similaire - RN4901FE

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
RN2113FT TOSHIBA-RN2113FT Datasheet
84Kb / 3P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN2107CT TOSHIBA-RN2107CT Datasheet
151Kb / 6P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN2907FE TOSHIBA-RN2907FE Datasheet
85Kb / 4P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1112FT TOSHIBA-RN1112FT Datasheet
113Kb / 3P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1131MFV TOSHIBA-RN1131MFV Datasheet
177Kb / 6P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2019-01-07
RN1962FE TOSHIBA-RN1962FE Datasheet
95Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1114MFV TOSHIBA-RN1114MFV Datasheet
786Kb / 8P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2020-11-17
RN1130MFV TOSHIBA-RN1130MFV Datasheet
151Kb / 4P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2019-01-07
RN1110MFV TOSHIBA-RN1110MFV Datasheet
361Kb / 6P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)(Bias Resistor built-in Transistor)
2018-12-21
RN4962FE TOSHIBA-RN4962FE Datasheet
94Kb / 4P
   TOSHIBA Transistor Silicon NPN쨌PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com