Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBSG86ABAEVB Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce NBSG86ABAEVB
Description  Evaluation Board Manual
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86ABAEVB Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button NBSG86ABAEVB Datasheet HTML 5Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 6Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 7Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 8Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 9Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 10Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 11Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 12Page - ON Semiconductor NBSG86ABAEVB Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NBSG86ABAEVB
http://onsemi.com
9
2:1 MUX Function Setup (continued)
Connect the Inputs
Step 2:
For Differential Mode (3.3 V and 2.5 V operation)
2a: Connect the differential outputs of the generator to the differential inputs of the device
(D1/D1).
2b: Connect the D0 input to VTT and the D0 input to VCC.
2c: Connect the SEL input to VCC and the SEL input to VTT.
2d: Connect the generator trigger to the oscilloscope trigger.
For Single-Ended Mode (3.3 V operation only)
2a: Connect an AC-coupled output of the generator to the desired differential input of the
device.
2b: Connect the unused differential input of the device to VTT (GND) through a 50
W
resistor.
2c: Connect the D0 input to VTT and the D0 input to VCC.
2d: Connect the SEL input to VCC and the SEL input to VTT.
2e: Connect the generator trigger to the oscilloscope trigger.
All Function Setups
Connect OLS (Output Level Select) to the required voltage to obtain desired output
amplitude. Refer to the NBSG86A device data sheet page 2 OLS voltage table.
Setup Input Signal
Step 3:
3a: Set the signal generator amplitude to 400 mV. Note that the signal generator amplitude
can vary from 75 mV to 900 mV to produce a 400 mV DUT output.
3b: Set the signal generator offset to 660 mV (the center of a nominal RSECL output). Note
that the VIHCMR (Input High Voltage Common Mode Range) allows the signal generator
offset to vary as long as VIH is within the VIHCMR range. Refer to the device data sheet for
further information.
3c: Set the generator output for a square wave clock signal with a 50% duty cycle, or for a
PRBS data signal.
Connect Output Signals
Step 4:
4a: Connect the outputs of the evaluation board (Q, Q) to the oscilloscope. The oscilloscope
sampling head must have internal 50
W termination to ground.
NOTE:
Where a single output is being used, the unconnected output for the pair
must be terminated to
VTT through a 50 W resistor for best operation. Unused pairs may be left unconnected. Since
VTT = 0 V, a standard 50 W SMA termination is recommended.


Numéro de pièce similaire - NBSG86ABAEVB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG86ABAEVB ONSEMI-NBSG86ABAEVB Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
More results

Description similaire - NBSG86ABAEVB

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com