Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845N Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2845N
Description  Current Mode PWM Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2845N Fiches technique(HTML) 2 Page - Texas Instruments

  UC2845N Datasheet HTML 1Page - Texas Instruments UC2845N Datasheet HTML 2Page - Texas Instruments UC2845N Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
ABSOLUTE MAXIMUM RATINGS(Note 1)
Supply Voltage (Low Impedance Source) ..............30V
Supply Voltage (ICC < 30mA) ................. Self Limiting
Output Current...................................
±1A
Output Energy (Capacitive Load) ....................5
µJ
Analog Inputs (Pins 2, 3)................... -0.3V to +6.3V
Error Amp Output Sink Current ....................10 mA
Power Dissipation at TA
≤ 25°C (DIL−8) ................. 1W
Power Dissipation at TA
≤ 25°C (SOIC-14) .........725 mW
Storage Temperature Range .............. -65°C to +150°C
Junction Temperature Range ............. -55°C to +150°C
Lead Temperature (soldering, 10 seconds) ........... 300°C
Note 1:
All voltages are with respect to Pin 5.
All currents are positive into the specified terminal.
Consult Packaging Section of Databook for thermal
limitations and considerations of packages.
CONNECTION DIAGRAMS
DIL-8, SOIC-8 (TOP VIEW)
N or J Package, D8 Package
PLCC-20 (TOP VIEW)
Q Package
SOIC-14, CFP-14. (TOP VIEW)
D or W Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
COMP
2
N/C
3
N/C
4
VFB
5
N/C
6
ISENSE
7
N/C
8
N/C
9
RT/CT
10
N/C
11
PWR GND
12
GROUND
13
N/C
14
OUTPUT
15
N/C
16
VC
17
VCC
18
N/C
19
VREF
20
Package
TA
≤ 25°C
Power Rating
Derating Factor
Above TA
≤ 25°C
TA
≤ 70°C
Power Rating
TA
≤ 85°C
Power Rating
TA
≤ 125°C
Power Rating
W
700 mW
5.5 mW/°C
452 mW
370 mW
150 mW
DISSIPATION RATING TABLE


Numéro de pièce similaire - UC2845N

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC2845N MOTOROLA-UC2845N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC2845N ONSEMI-UC2845N Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
STMicroelectronics
UC2845N STMICROELECTRONICS-UC2845N Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
ON Semiconductor
UC2845N ONSEMI-UC2845N Datasheet
617Kb / 16P
   High Performance Current Mode Controllers
July, 2006 ??Rev. 7
logo
Texas Instruments
UC2845N TI-UC2845N Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2845N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com