Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845DTR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2845DTR
Description  Current Mode PWM Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2845DTR Fiches technique(HTML) 1 Page - Texas Instruments

  UC2845DTR Datasheet HTML 1Page - Texas Instruments UC2845DTR Datasheet HTML 2Page - Texas Instruments UC2845DTR Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
Current Mode PWM Controller
FEATURES
Optimized For Off-line And DC
To DC Converters
Low Start Up Current (<1mA)
Automatic Feed Forward
Compensation
Pulse-by-pulse Current Limiting
Enhanced Load Response
Characteristics
Under-voltage Lockout With
Hysteresis
Double Pulse Suppression
High Current Totem Pole
Output
Internally Trimmed Bandgap
Reference
500khz Operation
Low RO Error Amp
DESCRIPTION
The UC1842/3/4/5 family of control ICs provides the necessary features to
implement off-line or DC to DC fixed frequency current mode control schemes
with a minimal external parts count. Internally implemented circuits include
under-voltage lockout featuring start up current less than 1mA, a precision
reference trimmed for accuracy at the error amp input, logic to insure latched
operation, a PWM comparator which also provides current limit control, and a
totem pole output stage designed to source or sink high peak current. The
output stage, suitable for driving N Channel MOSFETs, is low in the off state.
Differences between members of this family are the under-voltage lockout
thresholds and maximum duty cycle ranges. The UC1842 and UC1844 have
UVLO thresholds of 16V (on) and 10V (off), ideally suited to off-line
applications. The corresponding thresholds for the UC1843 and UC1845 are
8.4V and 7.6V. The UC1842 and UC1843 can operate to duty cycles
approaching 100%. A range of zero to 50% is obtained by the UC1844 and
UC1845 by the addition of an internal toggle flip flop which blanks the output
off every other clock cycle.
BLOCK DIAGRAM
A/B
Note 1:
A = DIL-8 Pin Number. B = SO-14 and CFP-14 Pin Number.
Note 2:
Toggle flip flop used only in 1844 and 1845.
SLUS223A - APRIL 1997 - REVISED MAY 2002


Numéro de pièce similaire - UC2845DTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2845DTR TI-UC2845DTR Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2845DTR TI1-UC2845DTR Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2845DTR TI-UC2845DTR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2845DTR TI-UC2845DTR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2845DTR TI-UC2845DTR Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2845DTR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com