Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68332MA20 Fiches technique(PDF) 10 Page - ATMEL Corporation

No de pièce TS68332MA20
Description  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332MA20 Fiches technique(HTML) 10 Page - ATMEL Corporation

Back Button TS68332MA20 Datasheet HTML 6Page - ATMEL Corporation TS68332MA20 Datasheet HTML 7Page - ATMEL Corporation TS68332MA20 Datasheet HTML 8Page - ATMEL Corporation TS68332MA20 Datasheet HTML 9Page - ATMEL Corporation TS68332MA20 Datasheet HTML 10Page - ATMEL Corporation TS68332MA20 Datasheet HTML 11Page - ATMEL Corporation TS68332MA20 Datasheet HTML 12Page - ATMEL Corporation TS68332MA20 Datasheet HTML 13Page - ATMEL Corporation TS68332MA20 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
TS68332
2118A–HIREL–03/02
The total thermal resistance of a package (
θ
JA) can be separated into two components,
θ
JC and θCA, representing the barrier to heat flow from the semiconductor junction to the
package (case), surface
JC) and from the case to the outside ambient (θCA). These
terms are related by the equation:
θ
JA = θJC + θCA
(4)
θ
JC is device related and cannot be influenced by the user. However, θCA is user depen-
dent and can be minimized by such thermal management techniques as heat sinks,
ambient air cooling and thermal convection. Thus, good thermal management on the
part of the user can significantly reduce
θ
CA so that θJA approximately equals θJC. Substi-
tution of
θ
JC for θJA in equation (1) will result in a lower semiconductor junction
temperature.
Mechanical and
Environment
The microcircuits shall meet all mechanical environmental requirements of either MIL-
STD-883 for class B devices or screened according to Atmel-Grenoble standards
devices.
Marking
The document where are defined the marking are identified in the related reference doc-
uments. Each microcircuit are legible and permanently marked with the following
information as minimum:
Atmel logo
Manufacturer’s part number
Class B identification
Date-code of inspection lot
ESD identifier if available
Country of manufacturing
Quality Conformance Inspection
DESC/MIL-STD-883
Is in accordance with MIL-M-38535 and method 5005 of MIL-STD-883. Group A and B
inspections are performed on each production lot. Group C and D inspection are per-
formed on a periodical basis.
Electrical
Characteristics
General Requirements
All static and dynamic electrical characteristics specified and the relevant measurement
conditions are given below. For inspection purpose, refer to relevant specification:
•DSCC
(last issue on request to our marketing services)
Table 4: Static electrical characteristics for all electrical variants.
Table 6: Dynamic electrical characteristics for 6832-16 (16.78 MHz).
For static characteristics, test methods refer to IEC 748-2 method number, where
existing.
For dynamic characteristics, test methods refer to clause 5.4 hereafter of this
specification.


Numéro de pièce similaire - TS68332MA20

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS68332MA20 ATMEL-TS68332MA20 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

Description similaire - TS68332MA20

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com