Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3C2599-72 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE3C2599-72
Description  SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2599-72 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2599-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2599-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2599-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2599-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.102 in [2.59 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMC Plug
BNC Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Brass, Gold
Contact Plating Specification
30 µin minimum
50µ in. minimum
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100 µin minimum
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100 µin minimum
100µ in. minimum
Hex Size
1/4 inch
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C2599-72 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax PE3C2599-72
RF Cable Assemblies Technical Data Sheet
PE3C2599-72
SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax


Numéro de pièce similaire - PE3C2599-72

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
More results

Description similaire - PE3C2599-72

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C2599LF-72 PASTERNACK-PE3C2599LF-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2416-72 PASTERNACK-PE3C2416-72 Datasheet
374Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C3425-72 PASTERNACK-PE3C3425-72 Datasheet
361Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG174 Coax
PE3C2578-72 PASTERNACK-PE3C2578-72 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG188 Coax
PE3C4413-72 PASTERNACK-PE3C4413-72 Datasheet
457Kb / 4P
   BNC Male to SSMC Plug Cable 72 Inch Length Using RG316 Coax
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com