Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46534 Fiches technique(PDF) 94 Page - Dialog Semiconductor

No de pièce SLG46534
Description  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Fiches technique(HTML) 94 Page - Dialog Semiconductor

Back Button SLG46534 Datasheet HTML 90Page - Dialog Semiconductor SLG46534 Datasheet HTML 91Page - Dialog Semiconductor SLG46534 Datasheet HTML 92Page - Dialog Semiconductor SLG46534 Datasheet HTML 93Page - Dialog Semiconductor SLG46534 Datasheet HTML 94Page - Dialog Semiconductor SLG46534 Datasheet HTML 95Page - Dialog Semiconductor SLG46534 Datasheet HTML 96Page - Dialog Semiconductor SLG46534 Datasheet HTML 97Page - Dialog Semiconductor SLG46534 Datasheet HTML 98Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 172 page
background image
SLG46534_DS_107
Page 93 of 171
SLG46534
10.1 ACMP0 Block Diagram
Figure 55. ACMP0 Block Diagram
11010
11011
11100
11101
Internal
Vref
110
100
0X1
PIN4: ACMP0(+)
External VDD 1.71 V ~ 5.5 V
External VDD
2.7 V ~ 5.5 V
Selectable
Gain
reg <1630:1629>
to ACMP1, ACMP2’s
MUX input
Vref
+
-
From Connection
Matrix Output <51>
pdb
LBW
Selection
reg <1631>
Hysteresis
Selection
reg <1175:1174>
L/S
To Connection
Matrix Input<57>
reg <1628:1624>
*PIN4_aio_en; reg <1173>; reg <1172>
*PIN4_aio_en:
if reg <1062:1061>=’11’ then 1, otherwise: 0
BG_ok
Latch
0
1
reg <1490>
11001-
00000
ACMP0 Wake & Sleep function Enable
PIN10: EXT_VREF
PIN10: EXT_VREF/2
PIN5: ACMP0(-)
PIN5: ACMP0(-)/2


Numéro de pièce similaire - SLG46534

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534V RENESAS-SLG46534V Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534VTR RENESAS-SLG46534VTR Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

Description similaire - SLG46534

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com