Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46400 Fiches technique(PDF) 24 Page - Dialog Semiconductor

No de pièce SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Fiches technique(HTML) 24 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 20Page - Dialog Semiconductor SLG46400 Datasheet HTML 21Page - Dialog Semiconductor SLG46400 Datasheet HTML 22Page - Dialog Semiconductor SLG46400 Datasheet HTML 23Page - Dialog Semiconductor SLG46400 Datasheet HTML 24Page - Dialog Semiconductor SLG46400 Datasheet HTML 25Page - Dialog Semiconductor SLG46400 Datasheet HTML 26Page - Dialog Semiconductor SLG46400 Datasheet HTML 27Page - Dialog Semiconductor SLG46400 Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
000-0046400-109
Page 18 of 89
SLG46400
7.4.9 PIN 11 Register Settings
7.4.10 PIN 12 Register Settings
Table 9. PIN 11 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 11 Initial State
Control
<566:565>
00: Output Floating
01: Output Ground
10: Output Power
11: Output Follow Input
PIN 11 Mode
Control
<569:567>
000: Digital In with Schmitt Trigger
001: Digital In without Schmitt Trigger
010: Low Voltage Digital In without Schmitt Trigger
011: Analog IO
100: 2X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
101: Open Drain
110: Analog Input & Open Drain Mode
111: 1X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
PIN 11 Pull
Up/Down Resistor
Value Selection
<571:570>
00: Floating
01: 50k
Ω Resistor
10: 100k
Ω Resistor
11: 300k
Ω Resistor
PIN 11 Pull
Up/Down Resistor
<572>
0: Pull Down Resistor
1: Pull Up Resistor
Table 10. PIN 12 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 12 Initial State
Control
<574:573>
00: Output Floating
01: Output Ground
10: Output Power
11: Output Follow Input
PIN 12 Mode
Control
<577:575>
000: Digital In with Schmitt Trigger
001: Digital In without Schmitt Trigger
010: Low Voltage Digital In without Schmitt Trigger
011: Reserved
100: 2X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
101: Open Drain
110: Reserved
111: 1X Current Push Pull (OE = 0 then Output TriState, OE = 1 Output Enable)
PIN 12 Pull
Up/Down Resistor
Value Selection
<579:578>
00: Floating
01: 50k
Ω Resistor
10: 100k
Ω Resistor
11: 300k
Ω Resistor
PIN 12 Pull
Up/Down Resistor
<580>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 12 2X Current
Open Drain Mode
<581>
0: Normal
1: Double Current


Numéro de pièce similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Description similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com