Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46400 Fiches technique(PDF) 59 Page - Dialog Semiconductor

No de pièce SLG46400
Description  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Fiches technique(HTML) 59 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 55Page - Dialog Semiconductor SLG46400 Datasheet HTML 56Page - Dialog Semiconductor SLG46400 Datasheet HTML 57Page - Dialog Semiconductor SLG46400 Datasheet HTML 58Page - Dialog Semiconductor SLG46400 Datasheet HTML 59Page - Dialog Semiconductor SLG46400 Datasheet HTML 60Page - Dialog Semiconductor SLG46400 Datasheet HTML 61Page - Dialog Semiconductor SLG46400 Datasheet HTML 62Page - Dialog Semiconductor SLG46400 Datasheet HTML 63Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
000-0046400-109
Page 53 of 89
SLG46400
16.0 Clock Management
The RC Oscillator (RC OSC) of the SLG46400 provides an internal clock to the ADC, PWM/DCMP, Delays and Counter logic
cells. It has a frequency range of 27kHz – 10MHz which can be adjusted through the RCO_freq_cont registers <586:583>.
16.1 Clock Management Functional Diagram
16.2 RC OSC Power Down Control
The power down source for the RC OSC logic cell is selected by reg <815:814> (shared with the DCMP and ADC). When reg
<815:814> = ‘11’, the power down control comes from the connection matrix. The SHARED PD signal should be LOW in order
to turn on the RC OSC. This signal has the highest priority and if the RC OSC is off, no other blocks of registers will be available.
16.3 RC OSC Dividers Control
RC OSC dividers output to matrix can be controlled through setting the reg <816>. When the reg <816> = ‘0’ than the deviders
output to matrix is allowed. When the reg <816> = ‘1’ than the deviders output to matrix will be disabled if no other blocks use
them (CNT, DLY and so on).
16.4 Ring Oscillator and External Clock from PIN 5
In addition to the internal RC Oscillator, GreenPAK2 has an internal Ring Oscillator that operates on a single fixed frequency that
ranges between 2 MHz and 27 MHz. This value varies from chip to chip and with VDD and temperature. To enable this function
reg<587> and reg<670> should be set to ‘1’.
It is also possible to use the external clock signal from PIN5 as the source. To enable the external clock from PIN5, configure
reg<587> = ’1’ and reg<670> = ’0’.
In either case, the Ring Oscillator or external clock signal will feed the ADC through an internal /64 divider, the PWM/DCMP blocks
and CNT/DLY/FSM blocks through /4, /8, and /12 frequency dividers, and the matrix through /4 and /12 frequency dividers. Direct
connection to matrix is not possible (CNT/DLY/FSM blocks and matrix will be fed from the internal RC Oscillator without dividers).
Figure 30. Clock Management Functional Diagram
reg <586:583>
reg <582>
Force OSC
Frequency select
reg <815:814>
To Connection Matrix <26>
RC Oscillator
PD Select
Power Down
Connection Matrix output <3>
PD Selection Control
1
0
External Clock Select
reg <587>
1
0
en
reg <670>
Ring
Osc.
PIN 5
RCOSC
To DLY/CNT/FSM
/64
To ADC
To PWM/DCMP
/4
/8
/12
To DLY/CNT/FSM
To Connection
Matrix 27
To DLY/CNT/FSM
To Connection
Matrix 28
To DLY/CNT/FSM
External Clock from PIN 5
when reg <805> = 1
CKOSC
EXT. CLK
SHARED PD


Numéro de pièce similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Description similaire - SLG46400

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com