Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46200 Fiches technique(PDF) 46 Page - Dialog Semiconductor

No de pièce SLG46200
Description  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Fiches technique(HTML) 46 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 42Page - Dialog Semiconductor SLG46200 Datasheet HTML 43Page - Dialog Semiconductor SLG46200 Datasheet HTML 44Page - Dialog Semiconductor SLG46200 Datasheet HTML 45Page - Dialog Semiconductor SLG46200 Datasheet HTML 46Page - Dialog Semiconductor SLG46200 Datasheet HTML 47Page - Dialog Semiconductor SLG46200 Datasheet HTML 48Page - Dialog Semiconductor SLG46200 Datasheet HTML 49Page - Dialog Semiconductor SLG46200 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
000-0046200-124
Page 41 of 64
SLG46200
17.0 Delay Cells (DLY)
There are three Delay Cells in the SLG46200. The time delay cells can be cascaded with one another to achieve longer time
delays. Each delay cell can be triggered from a rising edge transition, a falling edge transition, or a transition in either direction.
The clock frequency and counter data are used to set the output delay to a value between 0.5
μs to 380ms (4.5s for DLY1). Each
time delay cell's input and output can be sourced from any user defined signal in the SLG46200.
DLY1 is shared with the PWM while DLY2 is shared with S2P in parallel to serial mode.
Figure 26. Delay Cells - Rising Edge
Figure 27. Delay Cells - Falling Edge
Figure 28. Delay Cells - Rising and Falling Edge
Dly_out
Rising Edge
Delay Time
Dly_in
Pulse Width
Dly_out
Falling Edge
Delay Time
Dly_in
Pulse Width
Dly_out
Falling Edge
Delay Time
Dly_in
Pulse Width
Rising Edge
Delay Time


Numéro de pièce similaire - SLG46200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Description similaire - SLG46200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com