Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46200 Fiches technique(PDF) 45 Page - Dialog Semiconductor

No de pièce SLG46200
Description  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Fiches technique(HTML) 45 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 41Page - Dialog Semiconductor SLG46200 Datasheet HTML 42Page - Dialog Semiconductor SLG46200 Datasheet HTML 43Page - Dialog Semiconductor SLG46200 Datasheet HTML 44Page - Dialog Semiconductor SLG46200 Datasheet HTML 45Page - Dialog Semiconductor SLG46200 Datasheet HTML 46Page - Dialog Semiconductor SLG46200 Datasheet HTML 47Page - Dialog Semiconductor SLG46200 Datasheet HTML 48Page - Dialog Semiconductor SLG46200 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
000-0046200-124
Page 40 of 64
SLG46200
16.5 Counter Register Settings
Table 17. Counter Register Settings
Signal Name
Signal Function
Register Bit
Address
Register Definition
CNT_fsm_load_sel
CNT2 14-bit input data
selection for FSM
<322>
0: From NVM reg<460:447>
1: 6 most significant bits are tied to “0” and the 8 less sig-
nificant bits are sourced from S2P or ADC (controlled by
reg<467>)
CNT0_en
CNT0 Enable
(Force CNT0 power on)
<414>
0: Auto power on
1: Force power on
CNT1_en
CNT1 Enable
(Force CNT1 power on)
<415>
0: Auto Power On
1: Force power on
CNT2_en
CNT2 Enable
(Force CNT2 power on)
<416>
0: Auto power on
1: Force power on
CNT0_d<13:0>
CNT0 Control Data
<432:419>
1-16384: (delay time = (counter control data + 1) / freq)
CNT1_d<13:0>
CNT1 Control Data
<446:433>
1-16384: (delay time = (counter control data + 1) / freq)
CNT2_d<13:0>
CNT2 Control Data
<460:447>
1-16384: (delay time = (counter control data + 1) / freq)
CNT2_load_en
CNT2 Load Signal
<461>
0: Off
1: Enable
CNT0_clk_is
CNT0 Input Clock
Source Select
<462>
0: From internal oscillator clock
1: From matrix
CNT1_clk_is
CNT1 Input Clock
Source Select
<465:463>
000: Internal oscillator clock
001: Internal oscillator clock divided by 12
010: Internal oscillator clock divided by 4
011: CNT2 over flow signal
1X0: From matrix
1X1: From matrix divided by 8 and synchronized by internal
clock
CNT2_clk_is
CNT2 Input Clock
Source Select
<466>
0: Internal oscillator clock
1: From CNT0 output
CNT_fsm_d_is
Data Source Select for
FSM (CNT2)
<467>
0: From external source (though S2P module)
1: From internal ADC output
CNT0_out_sel
CNT0 Output Select
<474>
0: Delay output
1: Counter output
CNT1_out_sel
CNT1 Output Select
<475>
0: Delay output
1: Counter output
CNT2_out_sel
CNT2 Output Select
<476>
0: Delay output
1: Counter output


Numéro de pièce similaire - SLG46200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Description similaire - SLG46200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com