Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE7048-20 Fiches technique(PDF) 1 Page - Pasternack Enterprises, Inc.

No de pièce PE7048-20
Description  20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7048-20 Fiches technique(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7048-20_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7048-20_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7048-20_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bidirectional
• DC to 12.4 GHz Frequency Range
• Attenuation 20±0.5 dB
• Max Power 10 Watts (CW)
• VSWR < 1.35:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 20 dB Fixed Attenuator PE7048-20 is rated to 10 Watts and operates from DC to 12.4
GHz. The versatile coaxial package uses N male to N female connectors and is also REACH and RoHS compliant. The Black
Anodized Aluminum Heatsink body allows for efficient heat dissipation under high power usage conditions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Impedance
50
Ohms
Nominal Attenuation
20
dB
Attenuation Accuracy
±0.5
dB
VSWR
1.35:1
Input Power, CW
10
Watts
derated linearly to 2W at +125°C
Input Power, Peak
500
Watts
5µs
pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated
to 10 Watts Up to 12.4 GHz
PE7048-20
PE7048-20 REV 1.1
20 dB Fixed Attenuator, N Male to N Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz
RF Fixed Attenuators Technical Data Sheet
PE7048-20


Numéro de pièce similaire - PE7048-20_16

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE7048-20 PASTERNACK-PE7048-20 Datasheet
223Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
More results

Description similaire - PE7048-20_16

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE7015-20 PASTERNACK-PE7015-20_16 Datasheet
239Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-20 PASTERNACK-PE7010-20_16 Datasheet
241Kb / 4P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-20 PASTERNACK-PE7017-20_16 Datasheet
241Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7031-20 PASTERNACK-PE7031-20_16 Datasheet
260Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7021-20 PASTERNACK-PE7021-20_16 Datasheet
260Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7019-20 PASTERNACK-PE7019-20_16 Datasheet
258Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7017-30 PASTERNACK-PE7017-30_16 Datasheet
241Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-40 PASTERNACK-PE7010-40_16 Datasheet
241Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-1 PASTERNACK-PE7015-1_16 Datasheet
239Kb / 3P
   1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-10 PASTERNACK-PE7015-10_16 Datasheet
239Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com