Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46140 Fiches technique(PDF) 76 Page - Dialog Semiconductor

No de pièce SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Fiches technique(HTML) 76 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 72Page - Dialog Semiconductor SLG46140 Datasheet HTML 73Page - Dialog Semiconductor SLG46140 Datasheet HTML 74Page - Dialog Semiconductor SLG46140 Datasheet HTML 75Page - Dialog Semiconductor SLG46140 Datasheet HTML 76Page - Dialog Semiconductor SLG46140 Datasheet HTML 77Page - Dialog Semiconductor SLG46140 Datasheet HTML 78Page - Dialog Semiconductor SLG46140 Datasheet HTML 79Page - Dialog Semiconductor SLG46140 Datasheet HTML 80Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 170 page
background image
000-0046140-109
Page 75 of 169
SLG46140
11.0 Combinatorial Logic
Combinatorial logic is supported via nine Lookup Tables (LUTs) within the SLG46140. There are four 2-bit LUTs and four 3-bit
LUTs. The device also includes eight Combination Function Macrocells that can be used as LUTs. For more details, please see
Section 12.0 Combination Function Macrocells.
Inputs/Outputs for the eight LUTs are configured from the connection matrix with specific logic functions being defined by the state
of NVM bits. The outputs of the LUTs can be configured to any user defined function, including the following standard digital logic
devices (AND, NAND, OR, NOR, XOR, XNOR).
11.1 2-Bit LUT
The four 2-bit LUTs each take in two input signals from the connection matrix and produce a single output, which goes back into
the connection matrix.
Figure 38. 2-bit LUTs
2-bit LUT0 OUT
IN1
IN0
reg <851:848>
From Connection
Matrix Output <0>
From Connection
Matrix Output <1>
To Connection
Matrix Input <1>
2-bit LUT1 OUT
IN1
IN0
reg <855:852>
From Connection
Matrix Output <2>
From Connection
Matrix Output <3>
To Connection
Matrix Input <2>
2-bit LUT2 OUT
IN1
IN0
reg <859:856>
From Connection
Matrix Output <4>
From Connection
Matrix Output <5>
To Connection
Matrix Input <3>
2-bit LUT3 OUT
IN1
IN0
reg <863:860>
From Connection
Matrix Output <6>
From Connection
Matrix Output <7>
To Connection
Matrix Input <4>
Table 37. 2-bit LUT0 Truth Table
IN1
IN0
OUT
0
0
reg <848>
0
1
reg <849>
1
0
reg <850>
1
1
reg <851>
Table 38. 2-bit LUT1 Truth Table
IN1
IN0
OUT
0
0
reg <852>
0
1
reg <853>
1
0
reg <854>
1
1
reg <855>
Table 39. 2-bit LUT2 Truth Table
IN1
IN0
OUT
0
0
reg <856>
0
1
reg <857>
1
0
reg <858>
1
1
reg <859>
Table 40. 2-bit LUT3 Truth Table
IN1
IN0
OUT
0
0
reg <860>
0
1
reg <861>
1
0
reg <862>
1
1
reg <863>


Numéro de pièce similaire - SLG46140

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Description similaire - SLG46140

FabricantNo de pièceFiches techniqueDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com