Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46140 Fiches technique(PDF) 75 Page - Dialog Semiconductor

No de pièce SLG46140
Description  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Fiches technique(HTML) 75 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 71Page - Dialog Semiconductor SLG46140 Datasheet HTML 72Page - Dialog Semiconductor SLG46140 Datasheet HTML 73Page - Dialog Semiconductor SLG46140 Datasheet HTML 74Page - Dialog Semiconductor SLG46140 Datasheet HTML 75Page - Dialog Semiconductor SLG46140 Datasheet HTML 76Page - Dialog Semiconductor SLG46140 Datasheet HTML 77Page - Dialog Semiconductor SLG46140 Datasheet HTML 78Page - Dialog Semiconductor SLG46140 Datasheet HTML 79Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 170 page
background image
000-0046140-109
Page 74 of 169
SLG46140
10.3 DAC Register Settings
Table 36. DAC Register Settings
Register Bit
Address
Signal Function
Register Definition
reg<529>
ADC native input from internal
DAC0
0: disable
1: enable
reg<538>
DAC1 power on signal
0: power down
1: power on
reg<544>
DAC0 power on signal
0: power down
1: power on
When DAC0 used only, need set this bit
reg<547>
DAC0 input selection
0: from register
1: from DCMP1's input
reg<555:548>
DAC0 8 bit register control
00: DAC0 output is 0
FF: DAC0's output is 1 V
reg<556>
DAC1 input selection
0: from DCMP1's Negative input
1: from register
reg<558>
Force ADC analog part on
0: disable
1: enable


Numéro de pièce similaire - SLG46140

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Description similaire - SLG46140

FabricantNo de pièceFiches techniqueDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com