Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3C2416LF-12 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE3C2416LF-12
Description  BNC Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2416LF-12 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2416LF-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2416LF-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2416LF-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2416LF-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.102 in [2.59 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Brass, Gold
Contact Plating Specification
50µ in. minimum
50µ in. minimum
Dielectric Type
Teflon
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
100µ in. minimum
Seal Gasket Material
Silicone Rubber
Silicone Rubber
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C2416LF-12 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-12
RF Cable Assemblies Technical Data Sheet
PE3C2416LF-12
BNC Male to BNC Male Cable 12 Inch Length
Using RG316 Coax, LF Solder, RoHS


Numéro de pièce similaire - PE3C2416LF-12

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C2416LF-24 PASTERNACK-PE3C2416LF-24 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-36 PASTERNACK-PE3C2416LF-36 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-48 PASTERNACK-PE3C2416LF-48 Datasheet
368Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-60 PASTERNACK-PE3C2416LF-60 Datasheet
370Kb / 4P
   BNC Male to BNC Male Cable 60 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-72 PASTERNACK-PE3C2416LF-72 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
More results

Description similaire - PE3C2416LF-12

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C2416LF-60 PASTERNACK-PE3C2416LF-60 Datasheet
370Kb / 4P
   BNC Male to BNC Male Cable 60 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-24 PASTERNACK-PE3C2416LF-24 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-36 PASTERNACK-PE3C2416LF-36 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-72 PASTERNACK-PE3C2416LF-72 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-48 PASTERNACK-PE3C2416LF-48 Datasheet
368Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF PASTERNACK-PE3C2416LF Datasheet
369Kb / 4P
   BNC Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
PE3C2034LF-12 PASTERNACK-PE3C2034LF-12 Datasheet
361Kb / 4P
   BNC Male to BNC Male Cable 12 Inch Length Using RG188 Coax, LF Solder, RoHS
PE3C2295LF-12 PASTERNACK-PE3C2295LF-12 Datasheet
361Kb / 4P
   BNC Male to BNC Male Cable 12 Inch Length Using RG174 Coax, LF Solder, RoHS
PE3C3424LF-12 PASTERNACK-PE3C3424LF-12 Datasheet
366Kb / 4P
   10-32 Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2599LF-12 PASTERNACK-PE3C2599LF-12 Datasheet
380Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com