Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP260J Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TLP260J
Description  TOSHIBA Photocoupler GaAs IRED&Photo-triac
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP260J Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TLP260J Datasheet HTML 1Page - Toshiba Semiconductor TLP260J Datasheet HTML 2Page - Toshiba Semiconductor TLP260J Datasheet HTML 3Page - Toshiba Semiconductor TLP260J Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP260J
2002-01-17
1
TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP260J
Triac Drive
Programmable Controllers
AC-Output Module
Solid State Relay
The TOSHIBA TLP260J is a photocoupler housed in a mini-flat
package and consists of a phototriac which is optically coupled to a
gallium arsenide infrared-emitting diode.
This type of photocoupler is suitable for use in hybrid ICs as it is
thinner and smaller than a 6-pin DIP photocoupler.
TLP260J: 4-pin mini-flat package (MFSOP6)
· Peak OFF-state voltage: 600 V (min)
· Trigger LED current: 10 mA (max)
· ON-state current: 70 mA (max)
· Isolation voltage: 3000 Vrms (min)
Pin Configuration (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight: 0.09 g
1
3
6
4
1: ANODE
3: CATHODE
4: TERMINAL1
6: TERMINAL2
Preliminary


Numéro de pièce similaire - TLP260J

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP260J TOSHIBA-TLP260J Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
More results

Description similaire - TLP260J

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com