Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLG46108 Fiches technique(PDF) 20 Page - Dialog Semiconductor

No de pièce SLG46108
Description  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 Fiches technique(HTML) 20 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 16Page - Dialog Semiconductor SLG46108 Datasheet HTML 17Page - Dialog Semiconductor SLG46108 Datasheet HTML 18Page - Dialog Semiconductor SLG46108 Datasheet HTML 19Page - Dialog Semiconductor SLG46108 Datasheet HTML 20Page - Dialog Semiconductor SLG46108 Datasheet HTML 21Page - Dialog Semiconductor SLG46108 Datasheet HTML 22Page - Dialog Semiconductor SLG46108 Datasheet HTML 23Page - Dialog Semiconductor SLG46108 Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
000-0046108-108
Page 19 of 69
SLG46108
7.4.3 PIN 4 Register Settings
7.4.4 PIN 6 Register Settings
Table 13. PIN 4 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 4 Mode Control
(sig_PIN4_oe=0)
reg <361:360>
00: Digital Input without Schmitt trigger
01: Digital Input with Schmitt trigger
11: Low Voltage Digital Input
10: Reserved
PIN 4 Mode Control
(sig_PIN4_oe =1)
reg <363:362>
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
PIN 4 Pull Up/Down
Resistor Value
Selection
reg <365:364>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 4 Pull Up/Down
Resistor Selection
reg <366>
0: Pull Down Resistor
1: Pull Up Resistor
Table 14. PIN 6 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 6 Mode Control
reg <370:368>
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Reserved
PIN 6 Pull Up/Down
Resistor Value
Selection
reg <372:371>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 6 Pull Up/Down
Resistor Value
Selection
reg <373>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 6 Pull Up/Down
Resistor Selection
reg <374>
0: 1X
1: 2X


Numéro de pièce similaire - SLG46108

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

Description similaire - SLG46108

FabricantNo de pièceFiches techniqueDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com