Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTL307KRDN-041A Fiches technique(PDF) 8 Page - Lite-On Technology Corporation

No de pièce LTL307KRDN-041A
Description  Through Hole Lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307KRDN-041A Fiches technique(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL307KRDN-041A Datasheet HTML 4Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 5Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 6Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 7Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 8Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 9Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 10Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 11Page - Lite-On Technology Corporation LTL307KRDN-041A Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Optical/Electrical Bin Table
Iv Spec. Table Specification
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
G
140
180
H
180
240
J
J
240
310
Luminous Intensity Measurement allowance is ±15%
Hue Spec. Table Specification
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
H29
621.0
625.0
H30
625.0
629.0
H31
629.0
633.0
H32
633.0
637.0
H33
637.0
642.0
Note: Tolerance of measurement precision is ±1 nm
Part
No. : LTL307KRDN-041A
Page :
7
of
11
BNS-OD-C131/A4


Numéro de pièce similaire - LTL307KRDN-041A

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL307KRDN-001A LITEON-LTL307KRDN-001A Datasheet
434Kb / 11P
   Property of Lite-On Only
LTL307KRDN-0H1A LITEON-LTL307KRDN-0H1A Datasheet
516Kb / 12P
   Through Hole Lamp
More results

Description similaire - LTL307KRDN-041A

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com