Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTL307JGD-041A Fiches technique(PDF) 2 Page - Lite-On Technology Corporation

No de pièce LTL307JGD-041A
Description  Through Hole Lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL307JGD-041A Fiches technique(HTML) 2 Page - Lite-On Technology Corporation

  LTL307JGD-041A Datasheet HTML 1Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 2Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 3Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 4Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 5Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 6Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 7Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 8Page - Lite-On Technology Corporation LTL307JGD-041A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION.
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant.
* High luminous intensity output.
* Low power consumption.
* High efficiency.
* Versatile mounting on P.C. Board or panel.
* I.C. Compatible/low current requirement.
* Popular T-13/4 diameter.
Package
Dimensions
Part No.
Lens
Source Color
LTL307JGD-041A
Green
Diffused
AlInGaP Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part
No. : LTL307JGD-041A
Page :
1
of
11
BNS-OD-C131/A4


Numéro de pièce similaire - LTL307JGD-041A

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL307JGD-001A LITEON-LTL307JGD-001A Datasheet
437Kb / 11P
   Property of Lite-On Only
LTL307JGD-0G1A LITEON-LTL307JGD-0G1A Datasheet
447Kb / 11P
   Property of Lite-On Only
More results

Description similaire - LTL307JGD-041A

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com