Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6142-5X Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce TDA6142-5X
Description  FM-Demodulator for SAT TV with Switchable Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6142-5X Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  TDA6142-5X Datasheet HTML 1Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 2Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 3Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 4Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 5Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 6Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 7Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 8Page - Siemens Semiconductor Group TDA6142-5X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Group
3
TDA 6142-5X
Pin Definitions and Functions
Pin No.
Function
1
Connection for parallel resonance circuit
2
Connection for parallel resonance circuit
3
AGC-control voltage output
4
AGC-threshold adjust
5
Demodulator tank circuit
6
Demodulator tank circuit
7
Ground
8
AFC-preamplifier output
9
AFC-low pass filter and feedback point for AFC-sensitivity setting
10
AFC-output to A/D-converter and AFC-low pass filter
11
Video output
12
Video polarity switch input, positive/negative modulation
13
IF-reference input 1
14
IF-input 1, e.g.
f = 27 MHz
15
Reference voltage output
16
IF-input select for IF-input 1 or 2
17
IF-reference input 2
18
IF-input 2, e.g.
f = 18 MHz
19
Supply voltage 5 V
20
AGC-low pass filter


Numéro de pièce similaire - TDA6142-5X

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA6142 SIEMENS-TDA6142 Datasheet
325Kb / 9P
   SAT - IF -DEMODULATOR
TDA6142X SIEMENS-TDA6142X Datasheet
325Kb / 9P
   SAT - IF -DEMODULATOR
More results

Description similaire - TDA6142-5X

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
NXP Semiconductors
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1997 May 26
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
New Japan Radio
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
logo
NXP Semiconductors
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
logo
New Japan Radio
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com