Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PV88090 Fiches technique(PDF) 7 Page - Dialog Semiconductor

No de pièce PV88090
Description  High Efficiency 3-Channel Buck Converter with dual LDO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

PV88090 Fiches technique(HTML) 7 Page - Dialog Semiconductor

Back Button PV88090 Datasheet HTML 3Page - Dialog Semiconductor PV88090 Datasheet HTML 4Page - Dialog Semiconductor PV88090 Datasheet HTML 5Page - Dialog Semiconductor PV88090 Datasheet HTML 6Page - Dialog Semiconductor PV88090 Datasheet HTML 7Page - Dialog Semiconductor PV88090 Datasheet HTML 8Page - Dialog Semiconductor PV88090 Datasheet HTML 9Page - Dialog Semiconductor PV88090 Datasheet HTML 10Page - Dialog Semiconductor PV88090 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
PV88090
High Efficiency 3-Channel Buck Converter with dual LDO
Datasheet
Revision 1.0
10-Dec-2017
CFR0011-120-00
7 of 42
© 2017 Dialog Semiconductor
3
Block Diagram
PV88090
BUCK2
BUCK3
VBUCK1
1V/1.2 V (9.5 A)
VBUCK3
1.5V (2A)
LDO2
1.8 V (250 mA)
LDO1
1.05/1.2V (450 mA)
VBUCK2
1.2/1.8/2.5/3.3V (2A)
LDO2
VDLDO2
VDD3
VDD1
VDD2
LDO1
Vin
3.3V
VDDIO
DVDD
1.5V
VDLDO1
DVDD
LDO CORE
VDD
SOC
BUCK1
Figure 2: Block Diagram
4
Pinout
Table 1: Pin Description
Pin No.
Pin Name
Type
(Table 2)
Description
1
VDD2
PWR
Supply voltage for Buck2
To be connected to VDD after input capacitor
2
VSS12
GND
Ground voltage for Buck2 and Buck1 phase1
3
VDD1
PWR
Supply voltage Buck1
To be connected to VDD after input capacitor
4
VSS13
GND
Ground voltage for Buck3 and Buck1 phase2
5
VDD3
PWR
Supply voltage for Buck3
To be connected to VDD after input capacitor
6
ADDRSEL
DI
I2C alternate address offset select
7
OTPSEL
DI
OTP page select (high end / low end)
8
VDLDO1
PWR
Supply voltage for LDO1
9
VDLDO1
PWR
Supply voltage for LDO1
10
LDO1
AO
LDO1 output
11
VDLDO2
PWR
Supply voltage for LDO2


Numéro de pièce similaire - PV88090

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PV88090 RENESAS-PV88090 Datasheet
1Mb / 43P
   High Efficiency 3-Channel Buck Converter with dual LDO
04-Aug-2017
More results

Description similaire - PV88090

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PV88090 RENESAS-PV88090 Datasheet
1Mb / 43P
   High Efficiency 3-Channel Buck Converter with dual LDO
04-Aug-2017
logo
Lowpower Semiconductor ...
LP78083 POWER-LP78083 Datasheet
399Kb / 8P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78086 POWER-LP78086 Datasheet
333Kb / 9P
   650mA High Efficiency Synchronous Buck with Dual Channel LDO
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
Monolithic Power System...
MP3378E MPS-MP3378E Datasheet
1Mb / 23P
   4-Channel WLED Controller with High-Efficiency Buck Converter
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
   Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
logo
Monolithic Power System...
NB669 MPS-NB669 Datasheet
827Kb / 19P
   24V, High Current Synchronous Buck Converter With LDO
NB670 MPS-NB670 Datasheet
705Kb / 19P
   24V, High Current Synchronous Buck Converter With LDO
logo
Maxim Integrated Produc...
MAX77540 MAXIM-MAX77540 Datasheet
1Mb / 55P
   16VIN/6A, Dual-Phase High-Efficiency Buck Converter
2021
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
   Integrated high-efficiency buck converter
March 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com