Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NTE2631 Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce NTE2631
Description  Integrated Circuit Quad Differential Line Driver
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE2631
Integrated Circuit
Quad Differential Line Driver
Functional Description:
The NTE2631 is a quad differential line driver constructed using Advanced Low–Power Schottky
processing in a 16–Lead DIP type package designed for digital data transmission over balanced lines.
This device meets all the requirements of EIA standard RS–422 and federal standard 1020 and is
designed to provide unipolar differential drive to twisted–pair or parallel–wire transmission lines.
The NTE2631 provides an enable and disable function common to all four drivers and features
3–state outputs and logical OR–ed complemtary enable inputs. The inputs are all LS cxompatible
and are all one unit load.
Features:
D 2.0ns Output Skew Typical
D Operation from Single +5V Supply
D Output won’t Load Line when VCC = 0
D Four Line Drivers in One Package for Maximum Package Density
D Output Short–Circuit Protection
D Complementary Outputs
D Meets the Requirements of EIA Standard RS–422
D High Output Drive Capability for 100Ω Terminated Transmission Lines
D Advanced Low–Power Schottky Processing
Absolute Maximum Ratings: (above which the useful life may be impaired)
Supply Voltage
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage
5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
–65
°C to +165°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
NTE2632Integrated Circuit Quad Differential Line Receiver 1 2 3 NTE Electronics
DS26LS31CQuad High Speed Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
PE926C31Quad RS-422 Differential Line Driver Radiation Hardened 1 2 3 4 5 MorePeregrine Semiconductor Corp.
MNDS26LS31M-XQUAD HIGH SPEED DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
HS-26CT31RH-TRadiation Hardened Quad Differential Line Driver 1 2 3 Intersil Corporation
PE926C32Quad RS-422 Differential Line Driver Radiation Hardened 1 2 3 4 5 MorePeregrine Semiconductor Corp.
DS26LV31T3V Enhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl