Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TA8428K Datasheet(Fiches technique) 1 Page - Toshiba Semiconductor

Numéro de pièce TA8428K
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 1 page
background image
TA8428K(S)/F
2001-06-13
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8428K(S),TA8428F
FULL BRIDGE DRIVER
The TA8428K (S), TA8428F is Full Bridge Driver IC for Brush
Motor Rotation Control.
Forward Rotation, Reverse Rotation, Stop and Braking operations
are available.
Thermal Shutdown and Short Current Protector are provided.
FEATURES
l Output Current : TA8428K (S) 1.5 A (AVE.), 3.0 A (PEAK)
TA8428F
0.8 A (AVE.), 2.4 A (PEAK)
l 4 modes (forward / reverse / short brake and stop) are
available with 2 TTL compatible inputs control.
l Free wheeling diodes are equipped.
l Multi protection system driver
(Thermal shutdown and short current protector)
Weight
HSIP7−P−2.54
: 1.88 g (Typ.)
HSOP20−P−450−1.00 : 0.79 g (Typ.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TA2069AFTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6L24TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS 1 2 3 4 5 MoreToshiba Semiconductor
TA8409SGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Bridge Driver 1 2 3 4 5 MoreToshiba Semiconductor
TA1360ANGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA1218FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2159FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA4018FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA4012AFETOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl