Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TA4018F Datasheet(Fiches technique) 4 Page - Toshiba Semiconductor

Numéro de pièce TA4018F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 4 page
background image
TA4018F
2003-03-12
4
C.Gain – VGCA
VGCA (V)
VCC = 5 V
f
= 44 MHz
Ta
= 25°C
-50
0.0
-10
5.0
1.0
-30
10
0.5
1.5
2.5
3.5
4.5
2.0
-20
-40
0
20
4.0
3.0
Pout, IM3, IM2 – Pin
Pin
(dBmW)
VCC = 5 V
f
= 44 MHz, 45 MHz
Ta
= 25°C
-100
-50
-60
-5
-40
-80
-40
-45
-35
-25
-15
-30
-70
-90
-50
0
-10
-20
-20
-30
-10
Po
IM2
IM3
Po
VGCA
= 3.0 V
VGCA
= 0.5 V
IM2
NF-f
0
2
4
6
8
10
12
14
16
0
200
400
600
800
1000
f (MHz)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TA2069AFTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6L24TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS 1 2 3 4 5 MoreToshiba Semiconductor
TA8409SGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Bridge Driver 1 2 3 4 5 MoreToshiba Semiconductor
TA1360ANGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA1218FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2159FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA8428KTOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TA4012AFETOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl