Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1218F Fiches technique(PDF) 29 Page - Toshiba Semiconductor

No de pièce TA1218F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1218F Fiches technique(HTML) 29 Page - Toshiba Semiconductor

Back Button TA1218F Datasheet HTML 25Page - Toshiba Semiconductor TA1218F Datasheet HTML 26Page - Toshiba Semiconductor TA1218F Datasheet HTML 27Page - Toshiba Semiconductor TA1218F Datasheet HTML 28Page - Toshiba Semiconductor TA1218F Datasheet HTML 29Page - Toshiba Semiconductor TA1218F Datasheet HTML 30Page - Toshiba Semiconductor TA1218F Datasheet HTML 31Page - Toshiba Semiconductor TA1218F Datasheet HTML 32Page - Toshiba Semiconductor TA1218F Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
TA1218N/F
2000-09-11
29/40
Characteristics
Select Mode
Symbol
Test
Circuit
Min.
Typ.
Max.
Unit
Test Method
VinTV
G7V2
5.5
6.0
6.5
dB
VinV1
G10V2
5.5
6.0
6.5
dB
VinV2
G28V2
5.5
6.0
6.5
dB
Y/VinS1
G12V2
5.5
6.0
6.5
dB
CinS1
G14V2
5.5
6.0
6.5
dB
Y/VinS2
G16V2
5.5
6.0
6.5
dB
Vout2
Gain
CinS2
G18V2
5.5
6.0
6.5
dB
(1) Apply a 15 kHz,
1.0 Vp-p sine wave
to each input pin.
(2) In each select
mode, find the gain
between input and
output.
VinTV
F7V2
10
MHz
VinV1
F10V2
10
MHz
VinV2
F28V2
10
MHz
Y/VinS1
F12V2
10
MHz
CinS1
F14V2
10
MHz
Y/VinS2
F16V2
10
MHz
Vout2
Frequency response
CinS2
F18V2
10
MHz
(1) Apply a 1.0 Vp-p
sine wave to each
input pin.
(2) In each select
mode, measure a
frequency at which
the output
amplitude on pin
42 (42) is 3dB
down from the 15
kHz applied level.
VinTV
CT7V2
55
60
dB
VinV1
CT10V2
55
60
dB
VinV2
CT28V2
55
60
dB
Y/VinS1
CT12V2
55
60
dB
CinS1
CT14V2
55
60
dB
Y/VinS2
CT16V2
55
60
dB
Vout2
Crosstalk
CinS2
CT18V2
55
60
dB
(1) Apply a 3.58 MHz,
1.0 Vp-p sine wave
to each input pin.
(2) In each select
mode, compare
signal output from
the selected pin
with leakage
components from
nonselected pins
to find a crosstalk.
VinTV
VDR7Y
1.5
2.0
Vp-p
VinV1
VDR10Y
1.5
2.0
Vp-p
VinV2
VDR28Y
1.5
2.0
Vp-p
Y/VinS1
VDR12Y
1.5
2.0
Vp-p
Y/VinS2
VDR16Y
1.5
2.0
Vp-p
Yout
Input dynamic range
Yin
VDR30Y
5.0
5.5
Vp-p
(1) Apply a 15 kHz
sine wave to each
input pin.
(2) In each select
mode, measure an
input amplitude at
which the output
waveform on pin
36 (36) begins to
be distorted.
VinTV
G7Y
5.5
6.0
6.5
dB
VinV1
G10Y
5.5
6.0
6.5
dB
VinV2
G28Y
5.5
6.0
6.5
dB
Y/VinS1
G12Y
5.5
6.0
6.5
dB
Y/VinS2
G16Y
5.5
6.0
6.5
dB
Yout
Gain
Yin
G30Y
−0.5
0
0.5
dB
(1) Apply a 15 kHz,
1.0 Vp-p sine wave
to each input pin.
(2) In each select
mode, find the gain
between input and
output.


Numéro de pièce similaire - TA1218F

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218A TAI-SAW-TA1218A Datasheet
162Kb / 8P
   SAW Filter 2436MHz
TA1218A TAI-SAW-TA1218A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1218A GOLLEDGE-TA1218A Datasheet
231Kb / 6P
   SAW Filter 2436.0MHz
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218D TAI-SAW-TA1218D Datasheet
239Kb / 8P
   SAW Filter 2436 MHz
More results

Description similaire - TA1218F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com