Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1218F Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TA1218F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1218F Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TA1218F Datasheet HTML 6Page - Toshiba Semiconductor TA1218F Datasheet HTML 7Page - Toshiba Semiconductor TA1218F Datasheet HTML 8Page - Toshiba Semiconductor TA1218F Datasheet HTML 9Page - Toshiba Semiconductor TA1218F Datasheet HTML 10Page - Toshiba Semiconductor TA1218F Datasheet HTML 11Page - Toshiba Semiconductor TA1218F Datasheet HTML 12Page - Toshiba Semiconductor TA1218F Datasheet HTML 13Page - Toshiba Semiconductor TA1218F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TA1218N/F
2000-09-11
10/40
Pin
No.
Name
Function
Interface
21
(18)
I/O3
This is an ADC input/DAC output
pin.
The ADC is a 2-level detection type
(1 bit). The threshold level is 2.25 V.
The DAC (1 bit) is an open-collector
output. Make sure that the current
flowing into this pin is 2.0 mA or
less.
22
(19)
O4
This pin is for a 1 bit DAC output.
This is an open-collector output.
Make sure that the current flowing
into this pin is 2.0 mA or less.
23
(21)
GND
This is the GND pin.
24
(22)
SCL
This pin is for input an I
2
C bus clock.
The input threshold level of this pin
is 2.25 V.
25
(23)
SDA
This is an I
2
C bus data input/output
pin. The input threshold level of this
pin is 2.25 V.
Make sure that the current flowing
into this pin is 3.0 mA or less.
21
Logic
(18)
22
Logic
(19)
24
Logic
Surge
protection
circuit
(22)
25
Logic
Surge
protection
circuit
(25)


Numéro de pièce similaire - TA1218F

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218A TAI-SAW-TA1218A Datasheet
162Kb / 8P
   SAW Filter 2436MHz
TA1218A TAI-SAW-TA1218A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1218A GOLLEDGE-TA1218A Datasheet
231Kb / 6P
   SAW Filter 2436.0MHz
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
logo
TAI-SAW TECHNOLOGY CO.,...
TA1218D TAI-SAW-TA1218D Datasheet
239Kb / 8P
   SAW Filter 2436 MHz
More results

Description similaire - TA1218F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com