Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TA1218F Datasheet(Fiches technique) 5 Page - Toshiba Semiconductor

Numéro de pièce TA1218F
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Télécharger  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 5 page
background image
TA1218N/F
2000-09-11
5/40
Pin Description ((
): the pin number of TA1218F)
Pin
No.
Name
Function
Interface
1
(43)
Lout2
This pin is for output a sub-channel
left audio signal. The signals fed into
the chip via LinV1, LinV2, LinS1,
LinS2, or LinTV is output from this
pin. The output resistance of this pin
is 45
Ω.
Furthermore, the signal output from
this pin is pulse-converted for use in
self-diagnosis. The converted signal
is output from Sync Out.
This output can be muted in
combination with Rout2 by bus
control.
2
(44)
Rout2
This pin is for output a sub-channel
right audio signal. The signals fed
into the chip via RinV1, RinV2,
RinS1, RinS2, or RinTV is output
from this pin. The output resistance
of this pin is 45
Ω.
Furthermore, the signal output from
this pin is pulse-converted for use in
self-diagnosis. The converted signal
is output from Sync Out.
This output can be muted in
combination with Lout2 by bus
control.
3
(45)
Det in
This pin is for input a sync
separation signal. Input the signal
from Det Select to this pin with
capacitance coupling. The input
resistance of this pin is 18 k
Ω.
The sync signal separated from Det
Select is outputted from Sync Out
for use in self-diagnosis.
4
(46)
Det Select
This pin is for output a sync
separation signal.
Signals VinV1, VinV2, VinTV,
Y/VinS1, Vout1, Vout2, Yout, or Cout
are outputted from this pin. The
output resistance of this pin is 35
Ω.
Input the signal from this pin to Det
in with capacitance coupling.
1
Lout2
SW
(43)
2
Rout2
SW
(44)
<Sync out>
1 k
3
(45)
4
Det Select
SW
200
(46)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TA2069AFTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6L24TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS 1 2 3 4 5 MoreToshiba Semiconductor
TA8409SGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Bridge Driver 1 2 3 4 5 MoreToshiba Semiconductor
TA1360ANGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2159FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA4018FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA8428KTOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TA4012AFETOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl