Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


T6B70BF Datasheet(Fiches technique) 2 Page - Toshiba Semiconductor

Numéro de pièce T6B70BF
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 2 page
background image
T6B70BF
2003-03-13
2
Pin Assignment
Pin Function
No.
Symbol
Input/Output
Function
1
OSCIN
Input
Pins connected to oscillation
2
OSCOUT
Output
Pins connected to oscillation
3
FOUT
Output
Output pin for oscillation waveform shaping
circuit
4
SCTL
Input
Modulation control signal input pin
5
RESET
Input
Reset signal input pin
6
AMPOUT
Output
Amplifier signal output pin
7
AMPIN
Input
Amplifier signal input pin
8
VSS
Device GND pin (0 V)
9
DOUT
Output
Output pin for amplifier input signal detector
10
SW2OUT
Output
Output pin on analog SW2 side
11
SW2IN
Input
Input pin on analog SW2 side
12
SOUT−
Output
Pseudo sine wave (opposite polarity of
SOUT+ output) output pin
13
SOUT+
Output
Pseudo sine wave output pin
14
SW1IN
Input
Input pin on analog SW1 side
15
SW1OUT
Output
Output pin on analog SW1 side
16
VDD
Device power supply pin (+5 V)
OSCIN
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
T6B70BF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TC74HC573APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT175PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC4050APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC153AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA04FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC90A67FTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC9268PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA245FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74LCX164245FTTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl