Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


T6B70BF Datasheet(Fiches technique) 1 Page - Toshiba Semiconductor

Numéro de pièce T6B70BF
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Télécharger  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 1 page
background image
T6B70BF
2003-03-13
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
T6B70BF
Interface IC for Water Heater
The T6B70BF incorporates two-channel 4-bit DA converter, a
pseudo sine wave generator and an external analog signal
detection/non-detection circuit. It is designed to be used mainly
for communication between water heater and control unit.
Features
· On-chip two-channel 4-bit DA converter (opposite polarities)
· On-chip pseudo sine wave generator (external clock/16)
· On-chip external analog signal detection/non-detection circuit
· On-chip two-channel analog switch
Block Diagram
Weight: 0.16 g (typ.)
Divide-by-
16 unit
Pseudo
sine wave
generator
Waveform
initialization block
Modulation
control circuit
Reset
circuit
Zero-cross
waveform
shaping circuit
Cycle measurement counter
Analog signal
detection/non-detection
Amplifier input
circuit
4-bit
DA converter
4-bit
DA converter
1
2
3
4
14
15
11
10
5
13
12
16
7
6
8
9
OSCIN
OSCOUT
FOUT
SCTL
SW1IN
SW1OUT
SW2IN
SW2OUT
RESET
SOUT+
SOUT−
VDD
AMPIN
AMPOUT
VSS
DOUT
0°C
180°C
Output buffer




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TC74HC573APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT175PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC4050APTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC153AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA04FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC90A67FTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC9268PTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC7MA245FKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC7PA05FUTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74LCX164245FTTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl