Moteur de recherche de fiches techniques de composants électroniques |
|
SI91844DT-20-T1 Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
SI91844DT-20-T1 Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 9 page Si91842/4 Vishay Siliconix New Product www.vishay.com 2 Document Number: 71732 S-20478—Rev. C, 01-Apr-02 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings Input Voltage, VIN to GND –6.0 to 6.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VERROR, VSD (See Detailed Description) –0.3 V to VIN . . . . . . . . . . . . . . . . . . . . . . . Output Current, IOUT Short Circuit Protected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Voltage, VOUT –0.3 V to VIN + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package Power Dissipation, (Pd)b 440 mW . . . . . . . . . . . . . . . . . . . . . . . . . . . Package Thermal Resistance, ( qJA)a 180 _C/W . . . . . . . . . . . . . . . . . . . . . . . . . Maximum Junction Temperature, TJ(max) 150 _C . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature, TSTG –65 _C to 150_C . . . . . . . . . . . . . . . . . . . . . . . . . . Notes a. Device mounted with all leads soldered or welded to PC board. b. Derate 5.5 mW/ _C above TA = 70_C Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. RECOMMENDED OPERATING RANGE Input Voltage, VIN 2 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Voltage, VSD 0 V to VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Ambient Temperature, TA –40 _C to 85_C . . . . . . . . . . . . . . . . . . . . CIN = COUT = 1 mF (ceramic) Maximum ESR of COUT: 0.4 W SPECIFICATIONS Test Conditions Unless Specified _ Limits –40 to 85 _C Parameter Symbol TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA, CIN = 1 mF, COUT = 1.0 mF, VSD = 1.5 V Tempa Minb Typc Maxb Unit Input Voltage Range VIN Full 2 6 V w Room –1.5 1 1.5 v v VOUT w 1.8 V Full –2.5 1 2.5 Output Voltage Accuracy 1 mA v IOUT v 150 mA Room –2.0 1 2.0 % VOUT = 1.2 V Full –3.0 1 3.0 Line Regulation (VOUT v 3 V) Full –0.06 0.18 Line Regulation (3.0 V < VOUT v3.6 V) DV OUT 100 DV IN V OUT(nom) From VIN = VOUT(nom) + 1 V to VOUT(nom) + 2 V Full 0 0.3 %/V Line Regulation (5-V Version) IN OUT(nom) From VIN = 5.5 V to 6 V Full 0 0.4 IOUT = 1 mA Room 1 Room 45 80 Dropout Voltaged, g w IOUT = 50 mA Full 50 90 (VOUT(nom) w 2.6 V) Room 130 180 VIN – VOUT IOUT = 150 mA Full 220 mV VIN – VOUT Room 65 100 mV Dropout Voltaged, g IOUT = 50 mA Full 120 Dropout Voltaged, g (VOUT(nom) t 2.6 V, VIN w 2 V) Room 190 250 IOUT = 150 mA Full 300 Room 100 150 Ground Pin Currente, g IOUT = 0 mA Full 180 Ground Pin Currente, g (VOUT(nom) v 3 V) Room 110 200 IOUT = 150 mA Full 230 m IGND Room 110 170 mA Ground Pin Currente, g IOUT = 0 mA Full 200 Ground Pin Currente, g (VOUT(nom) u 3 V) Room 120 200 IOUT = 150 mA Full 230 Peak Output current IO(peak) VOUT w 0.95 x VOUT(nom). tPW = 2 ms Full 300 mA Output Noise Voltage eN VOUT = 2.6 V, BW = 10 Hz to 100 kHz, 0 mA t IOUT t 150 mA Room 75 mV(rms) |
Numéro de pièce similaire - SI91844DT-20-T1 |
|
Description similaire - SI91844DT-20-T1 |