Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IDT72V36104 Fiches technique(PDF) 2 Page - Integrated Device Technology

No de pièce IDT72V36104
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36104 Fiches technique(HTML) 2 Page - Integrated Device Technology

  IDT72V36104 Datasheet HTML 1Page - Integrated Device Technology IDT72V36104 Datasheet HTML 2Page - Integrated Device Technology IDT72V36104 Datasheet HTML 3Page - Integrated Device Technology IDT72V36104 Datasheet HTML 4Page - Integrated Device Technology IDT72V36104 Datasheet HTML 5Page - Integrated Device Technology IDT72V36104 Datasheet HTML 6Page - Integrated Device Technology IDT72V36104 Datasheet HTML 7Page - Integrated Device Technology IDT72V36104 Datasheet HTML 8Page - Integrated Device Technology IDT72V36104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
COMMERCIALTEMPERATURERANGE
IDT72V3684/72V3694/72V36104 3.3V CMOS SyncBiFIFOTM WITH
BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2 and 65, 536 x 36 x 2
2
PIN CONFIGURATION
TQFP (PK128-1, order code: PF)
TOP VIEW
W/
RA
CLKB
4677 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
ENA
CLKA
GND
A35
A34
A33
A32
Vcc
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
BE/
FWFT
GND
A22
Vcc
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
Vcc
A12
GND
A11
A10
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
PRS2/RT2
Vcc
B35
B34
B33
B32
RTM
GND
B31
B30
B29
B28
B27
B26
Vcc
B25
B24
BM
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
Vcc
B15
B14
B13
B12
GND
B11
B10
INDEX
SIZE
DESCRIPTION
The IDT72V3684/72V3694/72V36104 are designed to run off a 3.3V
supply for exceptionally low-power consumption. These devices are mono-
lithic, high-speed, low-power, CMOS bidirectional synchronous (clocked)
FIFO memory which supports clock frequencies up to 100 MHz and has read
access times as fast as 6.5ns. Two independent 16,384/32,768/65,536 x 36
dual-port SRAM FIFOs on board each chip buffer data in opposite directions.
FIFO data on Port B can be input and output in 36-bit, 18-bit, or 9-bit formats
with a choice of Big- or Little-Endian configurations.
These devices are a synchronous (clocked) FIFO, meaning each port
employs a synchronous interface. All data transfers through a port are gated
to the LOW-to-HIGH transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple
bidirectional interface between microprocessors and/or buses with synchro-
nous control.
Communication between each port may bypass the FIFOs via two mailbox
registers. The mailbox registers’ width matches the selected Port B bus width.
,


Numéro de pièce similaire - IDT72V36104

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT72V36100 IDT-IDT72V36100 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36100L10BB IDT-IDT72V36100L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100L10BBI IDT-IDT72V36100L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results

Description similaire - IDT72V36104

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com