Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX77816EVKIT Fiches technique(PDF) 2 Page - Maxim Integrated Products

No de pièce MAX77816EVKIT
Description  Buck and Boost Operation Including Seamless Transition between Buck and Boost Modes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816EVKIT Fiches technique(HTML) 2 Page - Maxim Integrated Products

  MAX77816EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX77816EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX77816
MAX77816 Evaluation Kit
Quick Start
Required Equipment
● MAX77816 EV kit
● MAX77816 EV kit software (GUI)
● Maxim’s MINIQUSB (optional, USB cable included)
● Adjustable DC power supply capable of supplying
6V 9A
● Digital multimeters
● Electronic load capable of sinking 4A
● Oscilloscope (optional)
Note: In the following sections, software-related items
are identified by bolding. Text in
bold only refers to items
directly from the EV kit software. Text in
bold and under-
lined refers to items from the Windows OS.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation. Use twisted wires of
appropriate gauge (20AWG) that are as short as possible
to connect the load and power sources.
1) Confirm all jumpers are in their default positions as
indicated in Table 1.
2) Preset the DC power supply to 3.8V. Do not turn on
the power supply until all connections are completed.
3) Set up the test circuit as shown in Figure 2. Ad-
just the ammeters to their largest current range to
minimize their series impedance. Do not allow the
ammeters to operate in their auto-range mode. If
current readings are not required, short across the
ammeters.
4) Turn on the power supply.
5) Switch JU2 to OUT1(1-2) to enable the IC. Verify
that the voltage at OUTBBS is 3.4V (default output
voltage setting).
6) Enable the electronic load and apply load current as
required.
7) The EV kit software can be downloaded from
www.
maximintegrated.com/evalkitsoftware. If I2C
control is required, install the EV kit software on
to your computer by running the installation file
(MAX77816GUISetup1.70605.0A.EXE). The pro-
gram files are copied and a shortcut icon is created
in Windows
Start | Programs.
8) Connect the MINIQUSB to J1. Connect a USB cable
from the PC to the MINIQUSB.
9) Start the EV kit software by opening its icon in the
Start | Programs. The EV kit software main window
appears. Click on
Device then Connect. If connec-
tion is successful, a window displaying the message
Currently connected to CMOD “MINIQUSB” and
device “MAX77816” appears as shown in Figure 3.
Click
Read and Close.
10) The EV kit and GUI are now ready for use.
Figure 2. Quick Start Connection Diagram
MAX77816
EVALUATION
KIT
VIN
PGND
USB
CABLE
J1
OUTBBS
PGNDS
-
+
ELECTRONIC
LOAD
OUTBB
PGND1
-
V
+
-
A
+
VINS
PC
POWER
SUPPLY
+
-
V
+
-
-
A
+
PGND1S
MINIQUSB


Numéro de pièce similaire - MAX77816EVKIT

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX77816EEWP+T MAXIM-MAX77816EEWP+T Datasheet
1Mb / 30P
   High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results

Description similaire - MAX77816EVKIT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Maxim Integrated Produc...
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
   Configured for Boost and Buck-Boost Application
Rev 1; 3/19
logo
Linear Technology
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com