Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M37902FGCGP Datasheet(Fiches technique) 4 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M37902FGCGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Télécharger  143 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 
 4 page
background image
M37902FCCHP, M37902FGCHP, M37902FJCHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
4
203
38 ns (the fastest instruction at f(fsys) = 26 MHz)
26 MHz (Max.)
26 MHz (Max.)
(Note)
(Note)
16 Kbytes
8-bit ✕ 10
4-bit ✕ 1
16-bit ✕ 5
16-bit ✕ 3
(UART or Clock synchronous serial I/O) ✕ 2
10-bit successive approximation method ✕ 1 (8 channels)
8-bit ✕ 3
12-bit ✕ 1
Chip select area ✕ 4 (CS0–CS3). A bus cycle type and bus width
can be set for each chip select area.
4 bits ✕ 2 channels; or 6 bits ✕ 1 channel + 2 bits ✕ 1 channel
5 external types, 13 internal types. Each interrupt can be set to a
priority level within the range of 0–7 by software.
1 external type, 3 internal types.
Built-in (externally connected to a ceramic resonator or quartz
crystal resonator).
The following multiplication methods are available: double, triple,
and quadruple.
5 V±0.5 V
150 mW (at f(fsys) = 26 MHz, Typ., PLL frequency multiplier
stopped)
5 V
5 mA
Up to 16 Mbytes. Note that bank FF16 is a reserved area.
–20 to 85 °C
CMOS high-performance silicon gate process
100-pin plastic molded QFP
FUNCTIONS (Microcomputer mode)
Functions
Parameter
Number of basic machine instructions
Instruction execution time
External clock input frequency f(XIN)
System clock frequency f(fsys)
Memory size
Programmable input/output
ports
Multi-functional timers
Serial I/O
A-D converter
D-A converter
Watchdog timer
Chip-select wait control
Real-time output
Interrupts
Clock generating circuit
PLL frequency multiplier
Input/Output withstand voltage
Output current
Flash memory (User ROM area)
RAM
Flash memory (Boot ROM area)
P0–P2, P4–P8, P10, P11
P3
TA0–TA4
TB0–TB2
UART0 and UART1
Power supply voltage
Power dissipation
Ports’ input/output
characteristics
Memory expansion
Operating ambient temperature range
Device structure
Package
Maskable interrups
Non-maskable interrups
Flash memory
M37902FCCHP
120 Kbytes
(User ROM area)
M37902FGCHP
248 Kbytes
M37902FJCHP
498 Kbytes
RAM
M37902FCCHP
4096 bytes
M37902FGCHP
6144 bytes
M37902FJCHP
12288 bytes
Note:




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M37702M2LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M16C62PSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M306N0MCTSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30302M8LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37733M4BXXXFPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736M4BXXXGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32CSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30302MAPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M30222SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37733M4LXXXHPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl