Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSUSB20 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FSUSB20
Description  Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FSUSB20 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB20 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary
7
www.fairchildsemi.com
AC Loading and Waveforms (Continued)
FIGURE 10. Propagation Delay
Pulse Skew tSK(P)
Output Skew tSK(O)
FIGURE 11. Skew Test


Numéro de pièce similaire - FSUSB20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB20BQX FAIRCHILD-FSUSB20BQX_12 Datasheet
703Kb / 12P
   Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
FSUSB20L10X FAIRCHILD-FSUSB20L10X Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB20L10X FAIRCHILD-FSUSB20L10X_12 Datasheet
703Kb / 12P
   Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
FSUSB20MUX FAIRCHILD-FSUSB20MUX Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results

Description similaire - FSUSB20

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
337Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Savitech Corp.
SV7030 SAVITECH-SV7030 Datasheet
216Kb / 9P
   Low Power, Low Attenuation, High-Speed USB 2.0 (480 Mbps) Switch
logo
Union Semiconductor, In...
UM7222 UNIONSEMI-UM7222 Datasheet
200Kb / 10P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
UM7222MA UNIONSEMI-UM7222MA Datasheet
273Kb / 12P
   High-Speed USB2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
NLAS7222BMUTAG ONSEMI-NLAS7222BMUTAG Datasheet
177Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
June, 2011 ??Rev. 5
NL3S2223 ONSEMI-NL3S2223 Datasheet
372Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2016 ??Rev. P0
NLAS7222B ONSEMI-NLAS7222B Datasheet
816Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
August, 2007 - Rev. 1
NLAS7223C ONSEMI-NLAS7223C Datasheet
413Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
October, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com