Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXN1010-3AAL Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXN1010-3AAL
Description  Bluetooth Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXN1010-3AAL Fiches technique(HTML) 4 Page - Sony Corporation

  CXN1010-3AAL Datasheet HTML 1Page - Sony Corporation CXN1010-3AAL Datasheet HTML 2Page - Sony Corporation CXN1010-3AAL Datasheet HTML 3Page - Sony Corporation CXN1010-3AAL Datasheet HTML 4Page - Sony Corporation CXN1010-3AAL Datasheet HTML 5Page - Sony Corporation CXN1010-3AAL Datasheet HTML 6Page - Sony Corporation CXN1010-3AAL Datasheet HTML 7Page - Sony Corporation CXN1010-3AAL Datasheet HTML 8Page - Sony Corporation CXN1010-3AAL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
CXN1010
No.
Name
Type
Description
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
PIO_10
AIO_0
USB–
AIO_1
USB+
GND
AIO_2
PIO_2
PIO_1
PD-RST
PIO_0
PIO_11
UART_RTS
UART_TX
UART_RX
PCM_IN
PCM_SYNC
GND
PCM_OUT
PCM_CLK
UART_CTS
SPI_MOSI
PIO_5/
USB_DETACH
SPI_CSB
VDD1.8
Bi-directional with programmable
weak internal pull-up/down
Bi-directional
Bi-directional
Bi-directional
Bi-directional
GND
Bi-directional
Bi-directional with programmable
weak internal pull-up/down
Bi-directional with programmable
weak internal pull-up/down
CMOS input with 1k
Ω pull-down
Bi-directional with programmable
weak internal pull-up/down
Bi-directional with programmable
weak internal pull-up/down
CMOS output, tristatable with
weak internal pull-up
CMOS output
CMOS input with weak internal
pull-down
CMOS input with weak internal
pull-down
Bi-directional with 100k
pull-down
GND
CMOS output, tristatable with
weak internal pull-down
Bi-directional with weak internal
pull-down
CMOS input with weak internal
pull-down
Bi-directional with programmable
weak internal pull-up/down
CMOS input with weak internal
pull-up
CMOS input with weak internal
pull-down
VDD
Programmable I/O line.
Programmable I/O line.
USB data minus.
Programmable I/O line.
USB data plus.
Ground.
Programmable I/O line.
Programmable I/O line.
Programmable I/O line.
Reset at high.
Input is debounced, so this pin should be high
for 5ms or more to cause a reset.
Programmable I/O line.
Programmable I/O line.
Weak internal pull-up
UART request to send, active low.
UART data output, active high.
UART data input, active high.
PCM data input.
PCM data sync.
Ground.
PCM data output.
PCM data clock.
UART clear to send, active low.
Serial Peripheral Interface data input.
Programmable I/O line or chip detaches from
USB when this input is high.
Chip select for Serial Peripheral Interface,
active low.
Supply voltage 1.8V.
This pin need a decoupling capacitor that more
than 2.2µF.


Numéro de pièce similaire - CXN1010-3AAL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXN1000 SONY-CXN1000 Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3AAL SONY-CXN1000-3AAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3BAL SONY-CXN1000-3BAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3CAL SONY-CXN1000-3CAL Datasheet
140Kb / 24P
   Bluetooth Module
CXN1000-3DAL SONY-CXN1000-3DAL Datasheet
140Kb / 24P
   Bluetooth Module
More results

Description similaire - CXN1010-3AAL

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
BTM312 BUDDIES-BTM312 Datasheet
960Kb / 23P
   Bluetooth Module
BTM512 BUDDIES-BTM512 Datasheet
990Kb / 23P
   Bluetooth Module
BTM8610 BUDDIES-BTM8610 Datasheet
970Kb / 23P
   Bluetooth Module
BTM8610M BUDDIES-BTM8610M Datasheet
939Kb / 22P
   Bluetooth Module
BTM8640 BUDDIES-BTM8640 Datasheet
975Kb / 24P
   Bluetooth Module
BTM8645M BUDDIES-BTM8645M Datasheet
927Kb / 23P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com