Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2828S Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce ES2828S
Description  V.90 PCI DSP Modem Solution
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ES2828S Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  ES2828S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 4Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES2828S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESS Technology, Inc.
SAM0402-050301
1
ESS Technology, Inc.
ES2898/ES2828
V.90 PCI DSP Modem Solution
Product Brief
DESCRIPTION
The ESS Technology ES2898/ES2828
TeleDrive® chipset
is a highly integrated solution that brings advanced
modem functionality to notebooks, desktops, and add-in-
cards. The ES2898/ES2828 chipset provides an efficient
56k (V.90) data/fax solution and adds both a telephone
answering machine (TAM) feature and a full-duplex
speakerphone feature.
The data pump algorithms run on the ES2898 DSP, along
with the echo cancellation required for implementing a full-
duplex speakerphone feature. The host CPU is utilized to
run the modem controller functions, including the standard
AT command set, V.42bis data compression features,
Classes 1 and 2 fax, and ITU-T V.80 sync access to
support H.324 video conferencing applications. The
ES2898 DSP offers an integrated PCI bus interface.
The ES2828 is the companion analog-front-end (AFE)
chip to the ES2898. It integrates a low-pass, continuous-
time anti-aliasing filter, a 16-bit resolution ADC, a 16-bit
DAC, a low-pass output-reconstruction filter, and a CHI
bus interface to interface to the ES2898. The ES2828
includes two signal processing channels that operate
synchronously so that data reception at the ADC channel
and data transmission from the DAC channel occur during
the same time interval. The ES2828 also incorporates an
AC-Link to interface to core logic chipsets to provide a
standalone MC‘97 host-based V.90/V.92 modem solution.
The ES2898 DSP is available in an industry-standard 100-
pin low-profile quad flat pack (LQFP) package. The
ES2828 is available in an industry-standard 48-pin low-
profile quad flat pack (LQFP) package.
MODEM FEATURES
Data mode capabilities:
—–
V.90 56 kbps
—–
V.34 33.6 kbps and fallbacks
—–
Standard AT command set
—–
V.42 (LAPM) and MNP error correction
—–
V.42bis/MNP 5 data compression
—–
3.3V power supply, 5V input tolerant
Fax mode capabilities:
—–
ITU-T V.17, V.21 ch2, V.27ter, and V.29
—–
Group 3 (TIA/EIA 578 Class 1 and Class 2)
Telephony capabilities:
—–
Telephone answering machine
—–
Full duplex speakerphone
—–
Caller ID
Sigma-delta modulation codec
Programmable downsampling frequency for modem and
voice applications
ACPI power management support
TIES escape sequence
V.80 (H.324 software stack compatible)
Fully ACPI-compliant
Microsoft Windows
98/SE/ME/2000:
—–
UNIMODEM V
—–
TAPI
Microsoft Windows NT 4.0
SYSTEM BLOCK DIAGRAM
Figure 1 Shows the ES2898/ES2828 system block
diagram.
Figure 1 ES2898/ES2828 System Block Diagram
ES2898
TeleDrive
ES2828
Modem AFE
DAA
18.816 MHz
PCI BUS
INTERFACE
4
CHI BUS I/F


Numéro de pièce similaire - ES2828S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
ES2838S ETC-ES2838S Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
ES2839S ETC-ES2839S Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
ES2840 ETC-ES2840 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
More results

Description similaire - ES2828S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com