Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2898S Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce ES2898S
Description  V.90 PCI DSP Modem Solution
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

ES2898S Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  ES2898S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2898S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2898S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2898S Datasheet HTML 4Page - List of Unclassifed Manufacturers ES2898S Datasheet HTML 5Page - List of Unclassifed Manufacturers ES2898S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESS Technology, Inc.
SAM0402-050301
3
ES2898/ES2828 PRODUCT BRIEF
PIN DESCRIPTIONS
PIN DESCRIPTIONS
Table 1 lists the ES2898 pin descriptions. Table 2 lists the
ES2828 pin descriptions.
Table 1 ES2898 Pin Descriptions
Names
Pin Numbers
I/O
Definitions
AD[16:31]
1:13, 98, 99, 100
I
When the ES2898 interfaces a PCI bus, these pins function as AD[16:31]. The PCI bus
implements a 32-bit multiplexed address and data bus.
GND
14, 20, 22, 41, 47,
71, 90
Ground.
C/BE[3:0]#
15, 21, 31, 32
I
Bus command/byte enable. These pins are multiplexed. During the address phase of a bus
transaction, these pins define the bus command. During the data phase, these pins are used as
byte enables.
VDD
16, 18, 46, 48, 77,
83, 85, 93
I
Digital supply voltage, 3.3V.
VDD
17
I
When the ES2898 interfaces a PCI bus, use an internal chip select and tie the CS pin to this
VDD pin through a pullup 10k
Ω resistor.
PERR#
19
O
Parity error output.
AD[0:15]
23:30, 33:40
I/O
When the ES2898 interfaces a PCI bus, these pins function as AD[15:0]. The PCI bus
implements a 32-bit multiplexed address and data bus.
XTALI
42
I
ES2898 clock input. This pin can be driven by either a crystal or an oscillator. When using a
crystal, XTALO is used as the other crystal pin. When using an oscillator, the output of the
oscillator is connected to XTALI. An internal clock doubler doubles the frequency at XTALI.
XTALO
43
O
Works in conjunction with XTALI when a crystal is used. When an oscillator is used, XTALO is
left unconnected.
CLKOUT
44
O
Fixed-frequency clock output. The frequency of this pin is the same as the crystal input of the
DSP clock. The clock is stopped during D2 and D3 states when the ST_CLKOUT bit is set.
BSEL1 / BSEL0
45, 61
I
Used to determine the operating mode of the ES2898. These pins are sampled at the falling
edge of reset and are encoded as follows:.
FL0
49
O
Used as flag 0 output during normal operation.
FL1
50
O
Used as flag 1 output during normal operation while the bypass circuitry is included. Will be
activated during power-down mode.
FL2
51
O
Functions as flag 2 output during normal operation, and can also be used to provide a pass-
through reset to the ES2828. To bring the devices out of reset, write a logic zero. FL2 carries
the reset signal for the ES2828.
PF[7:0]
52, 53, 54, 55, 56,
57, 58, 59
I/O
General-purpose programmable bidirectional flag pins. These pins can be used for interfacing
with a telephone or other device, performing such functions as phone-off-hook, phone-on-hook,
ring, caller ID, etc. PF[0] is specially designed to support the ring function.
VDD(5V)
60
I
Digital supply voltage. If the ES2898 interfaces with a 5V input, tie this pin to 5V. Otherwise, tie
this pin to 3.3V.
SEDO
62
I
Serial EEPROM data input.
SECS
63
O
Serial EEPROM chip select.
SEDI
64
O
Serial EEPROM serial data output.
SECLK
65
O
Serial EEPROM clock.
SCLK1
66
I/O
One of two serial clock inputs. This clock can be generated either by the ES2898 or by the
ES2828.
Configuration
BSEL1 (pin 45)
BSEL0 (pin 61)
Reserved
0
0
Reserved
0
1
PCI interface
1
0
Generic 16-bit host interface
1
1


Numéro de pièce similaire - ES2898S

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES289 CYRUSTEK-ES289 Datasheet
512Kb / 28P
   20000 Counts Manual DMM
More results

Description similaire - ES2898S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com