Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS6422-ISZ Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS6422-ISZ
Description  Enhanced Full-Duplex Speakerphone IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-ISZ Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS6422-ISZ Datasheet HTML 4Page - Cirrus Logic CS6422-ISZ Datasheet HTML 5Page - Cirrus Logic CS6422-ISZ Datasheet HTML 6Page - Cirrus Logic CS6422-ISZ Datasheet HTML 7Page - Cirrus Logic CS6422-ISZ Datasheet HTML 8Page - Cirrus Logic CS6422-ISZ Datasheet HTML 9Page - Cirrus Logic CS6422-ISZ Datasheet HTML 10Page - Cirrus Logic CS6422-ISZ Datasheet HTML 11Page - Cirrus Logic CS6422-ISZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
CS6422
8
SWITCHING CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Digital input rise time
trise
1.0
µs
RST low time
tRSTL
1.0
µs
CLKI frequency
fCLKI
20.480
MHz
CLKI duty cycle
tLCLKI
40
50
60
%
CLKI high or low time
tHLCLKI
19.5
ns
Min DRDY falling to DRDY falling (CLKI = 20.480 MHz)
tDRDY
125
µs
STROBE high or low time
tHLSTROBE
55
ns
DRDY falling to STROBE rising setup time
tsDRDY
30
ns
DATA valid to STROBE rising setup time
tsDATA
30
ns
STROBE rising to DATA valid hold time
thDATA
30
ns
STROBE rising to DRDY rising hold time
thDRDY
30
ns
Min RST rising to 4th extra STROBE pulse (cold reset)
tcRST
110
ms
Max RST rising to 4th extra STROBE pulse (warm reset)
twRST
100
ms
1
f
CLKI
t
HLCKI
t
HLCKI
Figure 1. CLKI Timing
Bit15 Bit14
Bit2
Bit1
Bit0
DATA
DRDY
STROBE
four extra strobe pulses
12
34
RST
t RSTL
tcRST
twRST
Figure 2. Reset Timing
Bit15
DATA
DRDY
STROBE
Bit14
Bit0
t sDRDY
t sDATA
t hDATA
t hDRDY
Bit15
Bit14
t HLSTROBE
t DRDY
Figure 3. Microcontroller Interface Timing
CS6422
8
DS295F1


Numéro de pièce similaire - CS6422-ISZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
CS6420-CS CIRRUS-CS6420-CS Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
More results

Description similaire - CS6422-ISZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
logo
Siemens Semiconductor G...
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
   Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP491EEN-L EXAR-SP491EEN-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
811Kb / 15P
   Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
   Enhanced Full Duplex RS-485 Transceivers
logo
NXP Semiconductors
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
   Voice switched speakerphone IC
1997 Nov 25
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com